Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNS04S0A0S06PFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DNS04S0A0S06PFA
Description  Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04S0A0S06PFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DNS04S0A0S06PFA Datasheet HTML 6Page - Delta Electronics, Inc. DNS04S0A0S06PFA Datasheet HTML 7Page - Delta Electronics, Inc. DNS04S0A0S06PFA Datasheet HTML 8Page - Delta Electronics, Inc. DNS04S0A0S06PFA Datasheet HTML 9Page - Delta Electronics, Inc. DNS04S0A0S06PFA Datasheet HTML 10Page - Delta Electronics, Inc. DNS04S0A0S06PFA Datasheet HTML 11Page - Delta Electronics, Inc. DNS04S0A0S06PFA Datasheet HTML 12Page - Delta Electronics, Inc. DNS04S0A0S06PFA Datasheet HTML 13Page - Delta Electronics, Inc. DNS04S0A0S06PFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DS_DNS04SMD6A_10202006
10
Vo(V)
Vtrim(V)
0.7525
Open
1.2
0.624
1.5
0.573
1.8
0.522
2.5
0.403
3.3
0.267
Vo(V)
Rtrim(KΩ)
0.7525
Open
1.2
41.97
1.5
23.08
1.8
15.00
2.5
6.95
3.3
3.16
Table 2
Vo
TRIM
GND
RLoad
Vtrim
+
_
Figure 38: Circuit Configuration for programming output voltage
using external voltage source
Table 1 provides Rtrim values required for some common
output voltages, while Table 2 provides value of external
voltage source, Vtrim, for the same common output
voltages. By using a 1% tolerance trim resistor, set point
tolerance of ±2% can be achieved as specified in the
electrical specification.
Table 1
Vo
TRIM
GND
RLoad
Rtrim
Figure 37: Circuit configuration for programming output voltage
using an external resistor
(
)
7525
.
0
1698
.
0
7
.
0
×
=
Vo
Vtrim
For example, to program the output voltage of a DNS
module to 3.3 Vdc, Vtrim is calculated as follows
(
)
V
Vtrim
267
.
0
7525
.
0
3
.
3
1698
.
0
7
.
0
=
×
=
FEATURES DESCRIPTIONS (CON.)
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold the
module will shut down. The module will try to restart after
shutdown. If the over-temperature condition still exists
during restart, the module will shut down again. This
restart trial will continue until the temperature is within
specification.
Remote Sense
The DNS provide Vo remote sensing to achieve proper
regulation at the load points and reduce effects of
distribution losses on output line. In the event of an open
remote sense line, the module shall maintain local sense
regulation through an internal resistor. The module shall
correct for a total of 0.5V of loss. The remote sense line
impedance shall be < 10
Ω.
Vo
Sense
Vin
GND
RL
Distribution Losses
Distribution Losses
Distribution
L
Distribution
Figure 36: Effective circuit configuration for remote sense
operation
Output Voltage Programming
The output voltage of the DNS can be programmed to any
voltage between 0.75Vdc and 3.3Vdc by connecting one
resistor (shown as Rtrim in Figure 37) between the TRIM
and GND pins of the module. Without this external
resistor, the output voltage of the module is 0.7525 Vdc. To
calculate the value of the resistor Rtrim for a particular
output voltage Vo, please use the following equation:
⎥⎦
⎢⎣
=
5110
7525
.
0
21070
Vo
Rtrim
For example, to program the output voltage of the DNS
module to 1.8Vdc, Rtrim is calculated as follows:
=
⎥⎦
⎢⎣
=
K
Rtrim
15
5110
7525
.
0
8
.
1
21070
DNS can also be programmed by apply a voltage between
the TRIM and GND pins (Figure 38). The following
equation can be used to determine the value of Vtrim
needed for a desired output voltage Vo:


Similar Part No. - DNS04S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0S06PFB DELTA-DNS04S0A0S06PFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
More results

Similar Description - DNS04S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com