Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1260L-R-TN3-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB1260L-R-TN3-B
Description  POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1260L-R-TN3-B Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB1260L-R-TN3-B Datasheet HTML 1Page - Unisonic Technologies 2SB1260L-R-TN3-B Datasheet HTML 2Page - Unisonic Technologies 2SB1260L-R-TN3-B Datasheet HTML 3Page - Unisonic Technologies 2SB1260L-R-TN3-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1260
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R208-017,C
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector -Base Voltage
VCBO
-80
V
Collector -Emitter Voltage
VCEO
-80
V
Emitter -Base Voltage
VEBO
-5
V
Peak Collector Current (single pulse, Pw=100ms)
ICM
-2
A
DC Collector Current
IC
-1
A
SOT-89
0.5
W
Power Dissipation
TO-252
PD
1.9
W
Operating Temperature
TJ
+150
Storage Temperature
TSTG
-40 ~ +150
Note 1. Printed circuit board,1.7mm thick, collector copper plating 100mm
2 or larger.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Breakdown Voltage
BVCBO
IC= -50μA
-80
V
Collector Emitter Breakdown Voltage
BVCEO
IC= -1mA
-80
V
Emitter Base Breakdown Voltage
BVEBO
IE= -50μA
-5
V
Collector Cut-Off Current
ICBO
VCB=-60V
-1
μA
Emitter Cut-Off Current
IEBO
VEB=-4V
-1
μA
DC Current Gain(Note 1)
hFE
VCE=-3V, IOUT=-0.1A
82
390
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-500mA, IB=-50mA
-0.4
V
Transition Frequency
fT
VCE= -5V, IE=50mA, f=30MHz
100
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
25
pF
Note 1: Pulse test: PW<300µs, Duty Cycle<2%
CLASSIFICATION OF hFE
RANK
P
Q
R
RANGE
82 ~ 180
120 ~ 270
180 ~ 390


Similar Part No. - 2SB1260L-R-TN3-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB1260L-X-AB3-R UTC-2SB1260L-X-AB3-R Datasheet
236Kb / 4P
   POWER TRANSISTOR
2SB1260L-X-TN3-R UTC-2SB1260L-X-TN3-R Datasheet
236Kb / 4P
   POWER TRANSISTOR
More results

Similar Description - 2SB1260L-R-TN3-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com