Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16DPGS5B Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 16DPGS5B
Description  SWITCHING TRANSIENT FILTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

16DPGS5B Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  16DPGS5B Datasheet HTML 1Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 2Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 3Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UNIT:
INCH
mm
MECHANICAL CONSTRUCTION
CG5S/CG5B/CG5C
E
A
D
0.188
4.8
CG5
DG3S
6-3
E
A
D
0.188
4.8
E
#6-32x1/4
TAPPED INSERT
R0.24
R6.0Max.
31.0
40.01
A
1.575 0.005
+
-
1.22 0.005
+
-
SUGGESTED MOUNTING CUTOUT
R0.24
R6.0Max.
31.0
40.01
1.575 0.005
+
-
1.22 0.005
+
-
SUGGESTED MOUNTING CUTOUT
DW3/DW3S
G
A
E
#6-32
ALL WIRE LEADS 4.0" LONG MIN.
B
C
A
0.173
4.4
GS5B/GS5C


Similar Part No. - 16DPGS5B

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
16D YUANDEAN-16D Datasheet
216Kb / 2P
   DC-DC Converter
16D YUANDEAN-16D Datasheet
216Kb / 2P
   DC-DC Converter
16D-05D05RNL YUANDEAN-16D-05D05RNL Datasheet
216Kb / 2P
   DC-DC Converter
16D-05D09RNL YUANDEAN-16D-05D09RNL Datasheet
216Kb / 2P
   DC-DC Converter
16D-05D12RNL YUANDEAN-16D-05D12RNL Datasheet
216Kb / 2P
   DC-DC Converter
More results

Similar Description - 16DPGS5B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DCCG5B DELTA-03DCCG5B Datasheet
1Mb / 2P
   SWITCHING TRANSIENT FILTERS
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6VN1 MACOM-6VN1 Datasheet
346Kb / 2P
   High Performance RFI Filters for Switching Power Supply
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
   Filters
SFECF10M7FF00S0-R0 MURATA-SFECF10M7FF00S0-R0_17 Datasheet
223Kb / 3P
   Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com