Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10GEEW3C Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 10GEEW3C
Description  HIGH PERFORMANCE IEC CONNECTOR FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

10GEEW3C Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  10GEEW3C Datasheet HTML 1Page - Delta Electronics, Inc. 10GEEW3C Datasheet HTML 2Page - Delta Electronics, Inc. 10GEEW3C Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2-6
INCH
UNIT:
mm
EW3J
HG3J
30.0
1.18
24.0
0.94
22.0
0.87
2.0
0.08
3.6 0.2
0.142 0.007
(MOUNTING FROM BEHIND)
SUGGESTED MOUNTING CUTOUT
R0.236(4X)
R6.0(4X)
30.5 0.1
40.0 0.1
1.575 0.004
1.2 0.004
3.0
0.12
0.42
3.5
0.14
10.6
11.15
0.44
22.3
0.88
1.56
39.5
0.130
3.3
6.0
0.24
45.0
1.77
42.3
1.67
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
1.12 -0
R0.12
R3.0
28.45
+0.02
40.01
M3
1.575 0.005
MECHANICAL CONSTRUCTION
EW3ES
20GEEG3E (Optional wire type)
M3
1.575 0.005
R0.12
-0
+0.02
1.12
SUGGESTED MOUNTING CUTOUT
1.575 0.02
1.99 MAX.
0.13(2X)
5
2
1
50.5 MAX.
40.0 10.5
3.3
40.0 10.13
28.45
+0.5
-0
R3.0
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM REVERSE)
R0.157 MAX.
34.5-0
+0.5
M3
0.138
0.248X0.031
3.19 MAX.
2.60 MAX.
1.654 0.004
1.18
0.138
66.0 MAX.
6.3X0.8
81.0 MAX.
3.5
30.0
3.5
42.0 0.1
R4.0 MAX.
1.358-0
+0.02
ALL WIRE LEADS 4.0" LONG MIN.
PCB
PANEL
ASSEMBLY FROM FRONT


Similar Part No. - 10GEEW3C

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
10GEEW3E-R DELTA-10GEEW3E-R Datasheet
1Mb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GEEW3EM DELTA-10GEEW3EM Datasheet
1Mb / 2P
   IEC INLET FILTERS
More results

Similar Description - 10GEEW3C

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
10GEEW3E-R DELTA-10GEEW3E-R Datasheet
1Mb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EA DELTA-08KEEG3EA Datasheet
256Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GKEW3E DELTA-10GKEW3E Datasheet
164Kb / 1P
   MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GKEW3E DELTA-06GKEW3E Datasheet
164Kb / 1P
   MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
03SEEG3H DELTA-03SEEG3H Datasheet
61Kb / 1P
   TWO-STAGE HIGH PERFORMANCE IEC CONNECTOR FILTERS
15GENG3E DELTA-15GENG3E Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
20GENG3E-R DELTA-20GENG3E-R Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com