Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6219 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L6219
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6219 Datasheet(HTML) 5 Page - Unisonic Technologies

  L6219 Datasheet HTML 1Page - Unisonic Technologies L6219 Datasheet HTML 2Page - Unisonic Technologies L6219 Datasheet HTML 3Page - Unisonic Technologies L6219 Datasheet HTML 4Page - Unisonic Technologies L6219 Datasheet HTML 5Page - Unisonic Technologies L6219 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L6219
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R109-005,B
PWM CURRENT CONTROL
The L6219 dual bridge is designed to drive both windings of a bipolar stepper motor. Output current is sensed
and controlled independently in each bridge by an external sense resistor (Rs), internal comparator, and monostable
multivibrator.
When the bridge is turned on, current increases in the motor winding and it is sensed by the external sense
resistor until the sense voltage (VCOMPIN) reaches the level set at the comparator’s input :ITRIP=VREF/10Rs
The comparator then triggers the monostable which turns off the source driver of the bridge. The actual load
current peak will be slightly higher than the trip point (especially for low-inductance loads) because of the internal
logic and switching delays. This delay (td)is typically 2µs.After turn-off, the motor current decays, circulating through
the ground-clamp diode and sink transistor. The source driver’s off time (and therefore the magnitude of the current
decrease)is determined by the monostable’s external RC timing components, where tOFF=RTCT within the range of
20kΩ to 100kΩ and 100pF to 1000pF
When the source driver is re-enabled, the winding current (the sense voltage) is again allowed to rise to the
comparator’s threshold. This cycle repeats itself, maintaining the average motor winding current at the desired level.
Loads with high distributed capacitances may result in high turn-on current peaks. This peak (appearing across
Rs) will attempt to trip the comparator, resulting in erroneous current control or high-frequency oscillations. An
external RCCC time delay should be used to further delay the action of the comparator. Depending on load type,
many applications will not require these external components (SENSE connected to COMP IN).
PWM OUTPUT CURRENT WAVE FORM
VPHASE
ITRIP
tOFF
tD
+
-
0
IOUT
LOAD CURRENT PATHS
VBB
RS
BRIDGE ON
SOURCE OFF
ALL OFF


Similar Part No. - L6219

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
   STEPPER MOTOR DRIVER
L6219 STMICROELECTRONICS-L6219 Datasheet
212Kb / 16P
   Stepper motor driver
logo
Unisonic Technologies
L6219 UTC-L6219 Datasheet
227Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
STMicroelectronics
L6219D STMICROELECTRONICS-L6219D Datasheet
1Mb / 9P
   STEPPER MOTOR DRIVER
L6219DS STMICROELECTRONICS-L6219DS Datasheet
1Mb / 9P
   STEPPER MOTOR DRIVER
More results

Similar Description - L6219

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com