Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM386L-S08-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM386L-S08-T
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM386L-S08-T Datasheet(HTML) 1 Page - Unisonic Technologies

  LM386L-S08-T Datasheet HTML 1Page - Unisonic Technologies LM386L-S08-T Datasheet HTML 2Page - Unisonic Technologies LM386L-S08-T Datasheet HTML 3Page - Unisonic Technologies LM386L-S08-T Datasheet HTML 4Page - Unisonic Technologies LM386L-S08-T Datasheet HTML 5Page - Unisonic Technologies LM386L-S08-T Datasheet HTML 6Page - Unisonic Technologies LM386L-S08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO.,
LM386
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R107-007,F
LOW VOLTAGE AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC LM386 is a power amplifier, designed for use in low
voltage consumer applications. The gain is internally set to 20 to
keep external part count low, but the addition of an external
resistor and capacitor between pin 1 and pin 8 will increase the
gain to any value up from 20 to 200.
The inputs are ground referenced while the output
automatically biases to one-half the supply voltage.The quiescent
power drain is only 24 milliwatts when operating from a 6 voltage
supply, making the LM386 ideal for battery operation.
FEATURES
*Battery operation
*Minimum external parts
*Wide supply voltage range:
4V~12V
*Low quiescent current drain:4mA
*Voltage gains:20~200
*Ground referenced input
*Self-centering output quiescent voltage
*Low distortion:0.2%(Av =20,Vs=6V,RL=8Ω,Po=125mW,f=1kHz)
DIP-8
SO P-8
TSSO P-8
*Pb-free plating product number:LM386L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
LM386-S08-R
LM386L-S08-R
SOP-8
Tape Reel
LM386-S08-T
LM386L-S08-T
SOP-8
Tube
LM386-P08-R
LM386L-P08-R
TSSOP-8
Tape Reel
LM386-P08-T
LM386L-P08-T
TSSOP-8
Tube
LM386-D08-T
LM386L-D08-T
DIP-8
Tube


Similar Part No. - LM386L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM386L-S08-T UTC-LM386L-S08-T Datasheet
249Kb / 8P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386L-S08-T UTC-LM386L-S08-T Datasheet
236Kb / 8P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - LM386L-S08-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
   LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602_15 Datasheet
200Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
LM386 ARTSCHIP-LM386 Datasheet
411Kb / 9P
   Low Voltage Audio Power Amplifier
logo
Hangzhou Youwang Electr...
UTC386 YOUWANG-UTC386 Datasheet
80Kb / 2P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com