Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3950 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3950
Description  DMOS Full-Bridge Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3950 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3950 Datasheet HTML 4Page - Allegro MicroSystems A3950 Datasheet HTML 5Page - Allegro MicroSystems A3950 Datasheet HTML 6Page - Allegro MicroSystems A3950 Datasheet HTML 7Page - Allegro MicroSystems A3950 Datasheet HTML 8Page - Allegro MicroSystems A3950 Datasheet HTML 9Page - Allegro MicroSystems A3950 Datasheet HTML 10Page - Allegro MicroSystems A3950 Datasheet HTML 11Page - Allegro MicroSystems A3950 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DMOS Full-Bridge Motor Driver
A3950
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
EU Package, 16 Pin QFN with Exposed Thermal Pad
3.8
NOM
.150
0.15R
REF
.006
3.8
NOM
.150
0.35
NOM
.014
0.65
NOM
.026
1.15
NOM
.045
4X0.20
MIN
.008
12X0.20
MIN
.008
A
B
0.80
0.70
.031
.028
0.05
0.00
.002
.000
0.20
REF
.008
C
SEATING
PLANE
C
0.08 [.003]
16X
16X
0.10 [.004] M C A B
0.05 [.002] M C
0.35
0.25
.014
.010
0.65
0.45
.026
.018
4.15
3.85
.163
.152
4.15
3.85
.163
.152
0.65 .026
16
16
2
1
1
2
16
2
1
A
A Terminal #1 mark area
B Exposed thermal pad (reference only, terminal #1
identifier appearance at supplier discretion)
All dimensions reference only, not for tooling use.
(reference JEDEC MO-220WGGC-4)
Dimensions in millimeters
U.S. Customary dimensions (in.) in brackets, for reference only
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
C
C
Reference land pattern layout (reference IPC7351
QFN65P400X400X80-17BM); adjust as necessary to meet
application process requirements and PCB layout
tolerances; when mounting on a multilayer PCB, thermal
vias at the exposed thermal pad land can improve thermal
dissipation (reference EIA/JEDEC Standard JESD51-5)
2.15
NOM
.085
2.15
NOM
.085
2.15
NOM
.085
2.15
NOM
.085
B
4X 0.20
MIN
.008


Similar Part No. - A3950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
logo
3M Electronics
A3950-0000T 3M-A3950-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-0010T 3M-A3950-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-2000T 3M-A3950-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-2010T 3M-A3950-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A3950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com