Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC245DWR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74AC245DWR2
Description  Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC245DWR2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74AC245DWR2 Datasheet HTML 2Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 3Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 4Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 5Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 6Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 7Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 8Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 9Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC74AC245, MC74ACT245
http://onsemi.com
8
PACKAGE DIMENSIONS
PDIP−20
N SUFFIX
PLASTIC DIP PACKAGE
CASE 738−03
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
M
L
J 20 PL
M
B
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
25.66
27.17
1.010
1.070
B
6.10
6.60
0.240
0.260
C
3.81
4.57
0.150
0.180
D
0.39
0.55
0.015
0.022
G
2.54 BSC
0.100 BSC
J
0.21
0.38
0.008
0.015
K
2.80
3.55
0.110
0.140
L
7.62 BSC
0.300 BSC
M
0
15
0
15
N
0.51
1.01
0.020
0.040
__
__
E
1.27
1.77
0.050
0.070
1
11
10
20
−A−
SEATING
PLANE
K
N
F
G
D 20 PL
−T−
M
A
M
0.25 (0.010)
T
E
B
C
F
1.27 BSC
0.050 BSC
SOIC−20W
DW SUFFIX
CASE 751D−05
ISSUE G
20
1
11
10
B
20X
C
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF B
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
__


Similar Part No. - MC74AC245DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC245DWR2 ONSEMI-MC74AC245DWR2 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
MC74AC245DWR2G ONSEMI-MC74AC245DWR2G Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results

Similar Description - MC74AC245DWR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com