Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX02M Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX02M
Description  Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX02M Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX02M Datasheet HTML 1Page - ON Semiconductor MC74LVX02M Datasheet HTML 2Page - ON Semiconductor MC74LVX02M Datasheet HTML 3Page - ON Semiconductor MC74LVX02M Datasheet HTML 4Page - ON Semiconductor MC74LVX02M Datasheet HTML 5Page - ON Semiconductor MC74LVX02M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74LVX02
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
TA = 25°C
TA = −40 to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay, Input to
Output
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
5.9
8.4
10.7
14.2
1.0
1.0
13.5
17.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
4.5
7.0
6.6
10.1
1.0
1.0
8.0
11.5
tOSHL
tOSLH
Output−to−Output Skew
(Note 1)
VCC = 2.7 V
CL = 50 pF
VCC = 3.3 ±0.3 V
CL = 50 pF
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
TA = 25°C
TA = −40 to 85°C
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
Cin
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 2)
15
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per gate). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 3.3 V, Measured in SOIC Package)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.3
−0.5
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
Figure 3. Switching Waveforms
VCC
GND
50%
50% VCC
A or B
O
tPHL
tPLH
*Includes all probe and jig capacitance
Figure 4. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT


Similar Part No. - MC74LVX02M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX02M MOTOROLA-MC74LVX02M Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX02M ONSEMI-MC74LVX02M Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
More results

Similar Description - MC74LVX02M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_05 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LVX00 ONSEMI-MC74LVX00_05 Datasheet
83Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX08 ONSEMI-MC74LVX08_05 Datasheet
82Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LCX32 ONSEMI-MC74LCX32_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX08 ONSEMI-MC74LCX08_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX86 ONSEMI-MC74LCX86_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LVX157 ONSEMI-MC74LVX157 Datasheet
91Kb / 6P
   Quad 2-Channel Multiplexe With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Toshiba Semiconductor
TC74LCX02F TOSHIBA-TC74LCX02F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_12 Datasheet
200Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158 Datasheet
86Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Inverting)
January, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com