Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2937-50-TA3-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LM2937-50-TA3-R
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937-50-TA3-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button LM2937-50-TA3-R Datasheet HTML 2Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 3Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 4Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 5Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 6Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 7Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 8Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 9Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R102-012.F
TYPICAL CHARACTERISTICS(Cont.)
Output Impedance
0
200
100
300
0.01
0.1
1
Output Current (mA)
400
500
10
100
Output Capacitor ESR
VOUT=5V
-30
-10
0
0
-20
10
20
-2
2
6
Input Voltage (V)
30
40
8
10
12
Output at Voltage Extremes
RL=100Ω
VOUT=10V
-30
-10
0
0
-20
10
20
-4
4
8
Input Voltage (V)
30
40
12
16
20
Output at Voltage Extremes
RL=100Ω
VOUT=12V
COUT=10μF
-40
0
40
80
0
0.5
Temperature(℃)
120
1.0
1.5
Peak Output Current
VIN=14V
4
VOUT=8V
VOUT=5V
VOUT=15V
100
1K
0.01
0.1
10
10K
100K
1.0
10
Frequency (Hz)
1M
VIN=14V
VOUT=5 V
IOUT=25mA
COUT=10μF
STABLE
REGION


Similar Part No. - LM2937-50-TA3-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
LM2937-3.3 NSC-LM2937-3.3 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
More results

Similar Description - LM2937-50-TA3-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com