Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD882-F-T9N-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SD882-F-T9N-K
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD882-F-T9N-K Datasheet(HTML) 4 Page - Unisonic Technologies

  2SD882-F-T9N-K Datasheet HTML 1Page - Unisonic Technologies 2SD882-F-T9N-K Datasheet HTML 2Page - Unisonic Technologies 2SD882-F-T9N-K Datasheet HTML 3Page - Unisonic Technologies 2SD882-F-T9N-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SD882
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R209-003,C
TYPICAL CHARACTERISTICS(Cont.)
Collector Output Capacitance
Collector-Base Voltage (V)
10
0
10
3
IE=0
f=1MHz
10
2
10
1
10
0
10
-1
10
-2
10
-3
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2SD882-F-T9N-K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD882-126 KEXIN-2SD882-126_15 Datasheet
917Kb / 2P
   NPN Transistors
2SD882-E KEXIN-2SD882-E Datasheet
464Kb / 1P
   NPN Transistors
2SD882-E KEXIN-2SD882-E Datasheet
917Kb / 2P
   NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SD882-E YFWDIODE-2SD882-E Datasheet
584Kb / 3P
   NPN Transistors
logo
Guangdong Kexin Industr...
2SD882-E-HF KEXIN-2SD882-E-HF Datasheet
482Kb / 1P
   NPN Transistors
More results

Similar Description - 2SD882-F-T9N-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD882S UTC-2SD882S Datasheet
75Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772S UTC-2SB772S Datasheet
262Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS_09 Datasheet
185Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1182 UTC-2SB1182 Datasheet
166Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS Datasheet
55Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225 Datasheet
69Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225_11 Datasheet
198Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772 UTC-2SB772 Datasheet
203Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SD882S UTC-2SD882S_09 Datasheet
149Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
UTC2SB772NL UTC-UTC2SB772NL Datasheet
58Kb / 2P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1188 UTC-2SB1188 Datasheet
54Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com