Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A682AY-6R8M Datasheet(PDF) 1 Page - TOKO, Inc

Part # A682AY-6R8M
Description  Fixed Inductors for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A682AY-6R8M Datasheet(HTML) 1 Page - TOKO, Inc

  A682AY-6R8M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting 実装
づけ
用 固定インダクタ
Inductance Range:
1.0~270µH
SELECTION GUIDE FOR STANDARD COILS
DIMENSIONS/外形寸法図
FEATURES/特 長
3DF
Recommended patterns
推奨パターン図
#A682AY-1R0M
1.0
± 20
0.072
1.34
#A682AY-1R5M
1.5
± 20
0.084
1.22
#A682AY-2R2M
2.2
± 20
0.108
1.08
#A682AY-3R3M
3.3
± 20
0.134
0.97
#A682AY-4R7M
4.7
± 20
0.160
0.91
4.4Max.
3.1Max.
1.3
方向表示
Direction indication
• Low profile (4.4mm Max. square, 3.1mm Max. height).
• RoHS compliant.
小型薄形構造(4.4mm角Max.、高さ3.1mm Max.)
• RoHS指令対応
TYPE 3DF (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(Ω) Max.
Rated
DC Current(3)
(A) Max.
#A682AY-6R8M
6.8
± 20
0.197
0.79
#A682AE-100M
10.0
± 20
0.330
0.63
#A682AE-120M
12.0
± 20
0.350
0.59
#A682AE-150M
15.0
± 20
0.400
0.56
#A682AE-180M
18.0
± 20
0.450
0.51
#A682AE-220M
22.0
± 20
0.534
0.47
#A682AE-270M
27.0
± 20
0.618
0.43
#A682AE-330M
33.0
± 20
0.903
0.37
#A682AE-390M
39.0
± 20
1.010
0.34
#A682AE-470M
47.0
± 20
1.355
0.29
#A682AE-560M
56.0
± 20
1.515
0.28
#A682AE-680M
68.0
± 20
1.713
0.26
#A682AE-820M
82.0
± 20
2.312
0.22
#A682AE-101M
100.0
± 20
2.640
0.21
#A682AE-121M
120.0
± 20
3.502
0.19
#A682AE-151M
150.0
± 20
4.132
0.17
#A682AE-181M
180.0
± 20
4.534
0.16
#A682AE-221M
220.0
± 20
6.646
0.13
#A682AE-271M
270.0
± 20
7.523
0.12
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient temperature
20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値、または直流電流により、コイル
の温度が40℃上昇の何れか小さい値です。(周囲温度20℃を基準と
する。)
4.5
1.2
1.2
(Unit: mm)
(Unit: mm)


Similar Part No. - A682AY-6R8M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6821EA-T ALLEGRO-A6821EA-T Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6821SA-T ALLEGRO-A6821SA-T Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6821SLW-T ALLEGRO-A6821SLW-T Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
logo
List of Unclassifed Man...
A682K15X7RF5UAA ETC1-A682K15X7RF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
More results

Similar Description - A682AY-6R8M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com