Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7HT Datasheet(PDF) 2 Page - TOKO, Inc

Part # 7HT
Description  Radial Type Helical Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7HT Datasheet(HTML) 2 Page - TOKO, Inc

  7HT Datasheet HTML 1Page - TOKO, Inc 7HT Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Helical Filters ヘリカルフィルタ
TYPE
7HW
7HT
7HW-35515A-360
360
7.0
35
25
0.5
3.0
7HW-36020A-370
370
7.0
35
25
0.5
3.0
7HW-37020A-380
380
7.0
35
20
0.5
3.0
7HW-38025A-390
390
7.0
28
20
0.5
3.0
7HW-39525A-410
410
7.0
25
18
0.5
3.0
TYPE 7HW (Double tuned)
東光品番
中心周波数
帯域幅
選択度
リップル
挿入損失
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
(-1dB)
(MHz) Min.
Selectivity
Ripple
(dB) Max.
Fo - 50MHz
(dB) Min.
Fo + 50MHz
(dB) Min.
Insertion
Loss
(dB) Max.
7HW-40525A-420
420
8.0
25
18
0.5
3.0
7HW-42025A-435
435
8.0
25
18
0.5
3.0
7HW-43525A-450
450
8.0
25
18
0.5
3.0
7HW-45025A-460
460
8.0
20
16
0.5
3.0
7HW-46025A-475
475
8.0
20
16
0.5
3.0
7HW-47530A-490
490
10.0
18
14
0.5
3.0
7HW-49030A-505
505
10.0
18
14
0.5
3.0
7HW-51030A-525
525
10.0
14
12
0.5
3.0
302MXPR-1138D
370
*6.0
35(30)
30(30)
1.0
4.5
302MXPR-1137D
390
*7.0
30(30)
25(30)
1.0
4.0
302MXPR-1136D
410
*8.0
30(30)
25(30)
1.0
3.5
302MXPR-1109D
415
13.0
40(50)
30(50)
1.0
3.5
302MXPR-1110D
465
12.0
40(50)
30(50)
1.0
4.0
TYPE 7HT (Triple tuned)
東光品番
中心周波数
帯域幅
選択度
リップル
挿入損失
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
(-1dB)
(MHz) Min.
Selectivity
Ripple
(dB) Max.
Fo - ( )MHz
(dB) Min.
Fo + ( )MHz
(dB) Min.
Insertion
Loss
(dB) Max.
302MXPR-1108D
500
13.0
36(50)
27(50)
1.0
3.5
302MXPR-1119D
680
10.0
43(50)
34(50)
1.0
4.5
302HXPK-1111B
833
*18.0
30(50)
23(50)
1.0
4.0
*Bandwidth: 13dB
SELECTION GUIDE FOR STANDARD FILTERS
continued from previous page
前頁より続く
4
18
5
"A"
IN
OUT
Zin=Zout=50
Ω
4
2
18
5
"B"
IN
7
OUT
Zin=Zout=50
Ω
2
111
108
"E"
IN
7
OUT
Zin=Zout=50
Ω
(BOTTOM VIEW)
2
16
5
"F"
IN
OUT
Zin=Zout=50
Ω
6
110
12
5
"D"
IN
7
OUT
Zin=Zout=50
Ω
Test circuits
測定
定回
回路
7HW
7HW
7HT
7HT
7HT


Similar Description - 7HT

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
5HW TOKO-5HW Datasheet
164Kb / 2P
   Radial Type Helical Filters
5HW-125055F-1305 TOKO-5HW-125055F-1305 Datasheet
53Kb / 2P
   Helical Filters, Leaded
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
logo
TOKO, Inc
5CHLW TOKO-5CHLW Datasheet
117Kb / 2P
   Helical Filters for Surface Mounting
logo
EUROQUARTZ limited
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
logo
TOKO, Inc
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
   Radial Taping / FM Ceramic Filters
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
   RADIAL TAPING FM CERAMIC FILTERS
logo
List of Unclassifed Man...
NAS1130 ETC2-NAS1130 Datasheet
274Kb / 3P
   HELICAL COIL
logo
Glenair, Inc.
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
logo
Panasonic Semiconductor
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com