Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

492S-1057A Datasheet(PDF) 1 Page - TOKO, Inc

Part # 492S-1057A
Description  Helical Filters for Surface Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

492S-1057A Datasheet(HTML) 1 Page - TOKO, Inc

  492S-1057A Datasheet HTML 1Page - TOKO, Inc 492S-1057A Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Helical Filters for Surface Mounting
実装
づけ 用 ヘリカルフィルタ
TYPE
5CHLW
5CHW
5CHT
7
6.3Max.
6Max.
7
4.6Max.
6Max.
5CHLW Double Tuned, 5CHW Double Tuned, 5CHT Triple Tuned
Frequency Range: 5CHLW 780~1150MHz
5CHW, 5CHT 400~520MHz
(Unit: mm)
5CHLW/5CHW
Test circuits 測定回路
5CHT
(Unit: mm)
5CHW
5CHLW
6Max.
6.3Max.
7
3.1
(Unit: mm)
5CHT
特  長
移動体通信用に最適な小型薄形の面実装
づけ
形ヘリカルフィルタ
RoHS 指令対応
用  途
実装
づけ
タイプ:自動車電話、コードレス電話など
Features
• Compact low-profile helical filters for surface mounting,
ideal for mobile communications equipment.
• RoHS compliant
Applications
• Surface mounting type: Cellular, cordless telephones,
paging devices, etc.
BOTTOM VIEW
2
18
76
5
4
3
R1
R2
R1=50
Ω
R2=50
Ω
R1
R2
BOTTOM VIEW
R1=50
Ω
R2=50
Ω
2
111
10
12
5
4
98
7
6
3
continued on next page
次頁へ続く


Similar Part No. - 492S-1057A

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
492 SWITCH-492 Datasheet
28Kb / 1P
   LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
List of Unclassifed Man...
492 ETC2-492 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
492 OSCILENT-492 Datasheet
142Kb / 2P
   PECL Output
492-28.0M-3DN-T OSCILENT-492-28.0M-3DN-T Datasheet
142Kb / 2P
   4 Pad PCB J-Lead PECL Output
492-28.0M-3EN-T OSCILENT-492-28.0M-3EN-T Datasheet
142Kb / 2P
   4 Pad PCB J-Lead PECL Output
More results

Similar Description - 492S-1057A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
5HW-125055F-1305 TOKO-5HW-125055F-1305 Datasheet
53Kb / 2P
   Helical Filters, Leaded
ELFC TOKO-ELFC Datasheet
114Kb / 1P
   AM Ladder Filters for Surface Mounting
7HW TOKO-7HW Datasheet
112Kb / 2P
   Radial Type Helical Filters
5HW TOKO-5HW Datasheet
164Kb / 2P
   Radial Type Helical Filters
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
logo
Murata Manufacturing Co...
PTC-NTC MURATA-PTC-NTC Datasheet
265Kb / 10P
   for Surface Mounting Application
logo
Delta Electronics, Inc.
06ME3G DELTA-06ME3G Datasheet
785Kb / 3P
   PC BOARD MOUNTING FILTERS
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com