Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13RHBP Datasheet(PDF) 1 Page - TOKO, Inc

Part # 13RHBP
Description  Fixed Inductors for Digital Audio Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

13RHBP Datasheet(HTML) 1 Page - TOKO, Inc

  13RHBP Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Digital Audio Amplifier デジタルオーディオアンプ用 固定インダクタ
13RHBP
DIMENSIONS/外形寸法図
16.0 Max.
5.0
φ0.70
φ13.0 Max.
方向表示
Direction indication
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equvalent.
Test frequency at 1.0kHz.
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value.
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は1.0kHzです。
(2) 直流抵抗値はデジタルマルチメータTR6871(Advantest)又は同等
品にて測定する。
(3) 最大許容電流は、直流重量電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値です。
(Unit: mm)
TYPE 13RHBP
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
L (µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max.
Rated
DC Current(3)
(A) Max.
A7502BY-100M
A7502BY-150M
A7502BY-180M
A7502BY-220M
A7502BY-330M
A7502BY-470M
A7502BY-680M
10
15
18
22
33
47
68
±20
±20
±20
±20
±20
±20
±20
30
36
41
45
55
82
96
5.09
4.07
3.63
3.29
2.68
2.20
1.90
TYPE 13RHBP with shield case
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
L (µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max.
Rated
DC Current(3)
(A) Max.
A7502BYAS-100M
A7502BYAS-150M
A7502BYAS-180M
A7502BYAS-220M
A7502BYAS-330M
A7502BYAS-470M
A7502BYAS-680M
10
15
18
22
33
47
68
±20
±20
±20
±20
±20
±20
±20
30
36
41
45
55
82
96
5.09
4.07
3.63
3.29
2.68
2.20
1.90
with shield case
SELECTION GUIDE FOR STANDARD COILS
Inductance Range:
10~68µH
16.7 Max.
3.5
φ0.7
3.5
13.2 Max.
方向表示
Direction indication
(Unit: mm)
FEATURES/特長
• Magnetically shielded construction and low leakage flux
structure.
• Low distotion.
• The magneticshield in a metal case is aviable.
• RoHS compliant.
閉磁路構造、低漏れ磁束構造
低歪率
金属ケースによる磁気シールド可
RoHS指令対応


Similar Part No. - 13RHBP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
13R103C MURATA-13R103C Datasheet
116Kb / 4P
   Radial Lead Inductors
logo
Murata Power Solutions ...
13R103C MURATA-PS-13R103C Datasheet
127Kb / 4P
   Radial Lead Inductors
logo
Murata Manufacturing Co...
13R104C MURATA-13R104C Datasheet
116Kb / 4P
   Radial Lead Inductors
logo
Murata Power Solutions ...
13R104C MURATA-PS-13R104C Datasheet
127Kb / 4P
   Radial Lead Inductors
logo
Murata Manufacturing Co...
13R105C MURATA-13R105C Datasheet
116Kb / 4P
   Radial Lead Inductors
More results

Similar Description - 13RHBP

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DASL1620 TOKO-DASL1620 Datasheet
106Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAW TOKO-DAW Datasheet
65Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
8RDY TOKO-8RDY Datasheet
90Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
EAS30S TOKO-EAS30S Datasheet
78Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
11RHBP TOKO-11RHBP Datasheet
142Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAMW TOKO-DAMW Datasheet
90Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
EAW30S TOKO-EAW30S Datasheet
103Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DA1476S TOKO-DA1476S Datasheet
48Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
C3B TOKO-C3B Datasheet
91Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com