Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13482E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX13482E
Description  ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13482E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX13482E Datasheet HTML 1Page - Maxim Integrated Products MAX13482E Datasheet HTML 2Page - Maxim Integrated Products MAX13482E Datasheet HTML 3Page - Maxim Integrated Products MAX13482E Datasheet HTML 4Page - Maxim Integrated Products MAX13482E Datasheet HTML 5Page - Maxim Integrated Products MAX13482E Datasheet HTML 6Page - Maxim Integrated Products MAX13482E Datasheet HTML 7Page - Maxim Integrated Products MAX13482E Datasheet HTML 8Page - Maxim Integrated Products MAX13482E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
±15kV ESD-Protected USB Transceivers with
External/Internal Pullup Resistors
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4V to +5.5V, VL = +1.6V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V, VL = +2.5V,
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG VOLTAGE OUTPUTS (VPU, VPUR)
Off-State Leakage
ILZ
ENUM = VL
-1
+1
µA
VPU Switch Resistance
MAX13481E
10
Ω
VPUR Pullup Resistance
MAX13482 (Note 3)
1.425
1.575
k
Ω
DIGITAL INPUTS/OUTPUTS (VP,VM, RCV,
OE, ENUM, SUS, BD)
Input-High Voltage
VIH
VP, VM,
OE, ENUM, SUS
0.7 x VL
V
Input-Low Voltage
VIL
VP, VM,
OE, ENUM, SUS
0.3 x VL
V
Output Voltage High
VOH
VP, VM, RCV, BD, ISOURCE = 2mA
VL - 0.4
V
Output Voltage Low
VOL
VP, VM, RCV, BD, ISINK = 2mA
0.4
V
Input Leakage Current
ILKG
-1
+1
µA
Input Capacitance
Measured from input to GND
10
pF
ANALOG INPUT/OUTPUTS (D+, D-)
Differential Input Sensitivity
VDI
|(VD+ - VD-)|
200
mV
Differential Common-Mode
Voltage Range
VCM
Include VDI
0.8
2.5
V
Single-Ended Input-Low Voltage
VIL
0.8
V
Single-Ended Input-High Voltage
VIH
2.0
V
Hysteresis
VHYS
250
mV
Output Voltage Low
VOL
RL = 1.5k
Ω from D+ or D- to 3.6V
0.3
V
Output Voltage High
VOH
RL = 15k
Ω to GND
2.8
3.6
V
Off-State Leakage Current
Three-state driver
-1
+1
µA
Transceiver Capacitance
CIND
D_ to GND
20
pF
Driver Output Impedance
ROUT
215
Ω
ESD PROTECTION (D+, D-)
Human Body Model
±15
kV
IEC 61000-4-2 Contact Discharge
±8kV
TIMING CHARACTERISTICS
(VCC = +4V to +5.5V, VL = +1.6V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V, VL = +2.5V,
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER CHARACTERISTICS (CL = 50pF)
Rise Time D+/D-
tFR
10% to 90% of |VOH-VOL| (Figures 1, 9)
4
20
ns
Fall Time D+/D-
tFF
90% to 10% of |VOH-VOL| (Figures 1, 9)
4
20
ns
Rise- and Fall-Time Matching
tFR/tFF
Excluding the first transition from idle state,
(Figure 1) (Note 2)
90
110
%


Similar Part No. - MAX13482E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1348 MAXIM-MAX1348 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
MAX13485E MAXIM-MAX13485E Datasheet
116Kb / 5P
   Evaluation Kit
Rev 0; 12/08
MAX13485E MAXIM-MAX13485E Datasheet
116Kb / 5P
   Fully Assembled and Tested
Rev 0; 12/08
MAX13485EELA+T MAXIM-MAX13485EELA+T Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
More results

Similar Description - MAX13482E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com