Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13009 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJE13009
Description  SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13009 Datasheet(HTML) 1 Page - Unisonic Technologies

  MJE13009 Datasheet HTML 1Page - Unisonic Technologies MJE13009 Datasheet HTML 2Page - Unisonic Technologies MJE13009 Datasheet HTML 3Page - Unisonic Technologies MJE13009 Datasheet HTML 4Page - Unisonic Technologies MJE13009 Datasheet HTML 5Page - Unisonic Technologies MJE13009 Datasheet HTML 6Page - Unisonic Technologies MJE13009 Datasheet HTML 7Page - Unisonic Technologies MJE13009 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MJE13009
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R203-024,D
SWITCHMODE SERIES NPN
SILICON POWER
TRANSISTORS
DESCRIPTION
The MJE13009 is designed for high–voltage, high–speed power
switching inductive circuits where fall time is critical. They are
particularly suited for 115 and 220 V switch mode applications
such as Switching Regulators, Inverters, Motor Controls,
Solenoid/Relay drivers and Deflection circuits.
FEATURES
* VCEO 400 V and 300 V
* Reverse Bias SOA with Inductive Loads @ TC = 100℃
* Inductive Switching Matrix 3 ~ 12 Amp, 25 and 100℃
tc @ 8 A, 100
is 120 ns (Typ).
* 700 V Blocking Capability
* SOA and Switching Applications Information.
TO-220
1
TO-3P
1
1
TO-220F
*Pb-free plating product number:MJE13009L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MJE13009-TA3-T
MJE13009L-TA3-T
TO-220
B
C
E
Tube
MJE13009-TF3-T
MJE13009L-TF3-T
TO-220F
B
C
E
Tube
MJE13009-T3P-T
MJE13009L-T3P-T
TO-3P
B
C
E
Tube
MJE13009L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube
(2) TA3: TO-220, TF3: TO-220F, T3P: TO-3P
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - MJE13009

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13009 MOSPEC-MJE13009 Datasheet
179Kb / 4P
   POWER TRANSISTORS(12A,300-400V,100W)
logo
New Jersey Semi-Conduct...
MJE13009 NJSEMI-MJE13009 Datasheet
93Kb / 2P
   SWJTCHMODE SERIES NPN POWER TRANSISTORS
logo
Motorola, Inc
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
logo
Central Semiconductor C...
MJE13009 CENTRAL-MJE13009 Datasheet
330Kb / 3P
   SILICON NPN TRANSISTORS
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009 Datasheet
451Kb / 10P
   NPN SILICON POWER TRANSISTOR
REV 2
More results

Similar Description - MJE13009

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC4242 UTC-2SC4242 Datasheet
145Kb / 4P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE13004 NJSEMI-MJE13004 Datasheet
121Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Mospec Semiconductor
2SC2335 MOSPEC-2SC2335 Datasheet
135Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6738 BOCA-2N6738 Datasheet
153Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
2SC4242 UTC-2SC4242_15 Datasheet
145Kb / 4P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Mospec Semiconductor
MJ13332 MOSPEC-MJ13332 Datasheet
83Kb / 2P
   SWITCHMODE SERIES NPN SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
BUX84 BOCA-BUX84 Datasheet
109Kb / 2P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2SC2335 NJSEMI-2SC2335 Datasheet
83Kb / 2P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com