Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

493S-1080A Datasheet(PDF) 2 Page - TOKO, Inc

Part # 493S-1080A
Description  Helical Filters for Surface Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

493S-1080A Datasheet(HTML) 2 Page - TOKO, Inc

  493S-1080A Datasheet HTML 1Page - TOKO, Inc 493S-1080A Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Helical Filters for Surface Mounting
実装
づけ 用 ヘリカルフィルタ
TYPE
5CHLW
5CHW
5CHT
492S-1051A
420
10
14
20
0.5
3.0
492S-1052A
425
10
14
20
0.5
3.0
492S-1053A
427
10
14
20
0.5
3.0
492S-1054A
430
10
14
20
0.5
3.5
492S-1055A
435
10
14
20
0.5
3.5
TYPE 5CHW (Double tuned)
東光品番
中心周波数
帯域幅
選択度
リップル
挿入損失
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
(-1dB)
(MHz)
(dB) Min.
Selectivity
Ripple
(dB) Max.
Fo - 50MHz
(dB) Min.
Fo + 50MHz
(dB) Min.
Insertion
Loss
(dB) Max.
492S-1056A
440
10
13
18
0.5
3.5
492S-1057A
450
10
12
17
0.5
3.5
492S-1058A
452
10
12
17
0.5
3.5
492S-1059A
456
10
12
16
0.5
3.5
492S-1060A
460
10
12
16
0.5
3.5
492S-1061A
463.5
10
12
16
0.5
3.5
492S-1062A
465
10
12
16
0.5
3.5
492S-1063A
470
10
12
15
0.5
3.5
492S-1064A
480
10
12
15
0.5
3.5
492S-1065A
510
10
12
15
0.5
3.5
493S-1066A
395
10
33
33
0.5
4.5
493S-1067A
420
10
30
30
0.5
4.5
493S-1068A
425
10
30
30
0.5
4.5
493S-1069A
430
10
30
30
0.5
4.5
493S-1070A
435
10
30
30
0.5
4.5
TYPE 5CHT (Triple tuned)
東光品番
中心周波数
帯域幅
選択度
リップル
挿入損失
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
(-1dB)
(MHz)
(dB) Min.
Selectivity
Ripple
(dB) Max.
Fo - 50MHz
(dB) Min.
Fo + 50MHz
(dB) Min.
Insertion
Loss
(dB) Max.
493S-1071A
440
10
27
27
0.5
4.5
493S-1072A
450
10
27
27
0.5
4.5
493S-1073A
452
10
27
27
0.5
4.5
493S-1074A
456
10
27
27
0.5
4.5
493S-1075A
460
10
27
27
0.5
4.5
493S-1076A
465
10
27
27
0.5
4.5
493S-1077A
470
10
27
27
0.5
4.5
493S-1078A
480
10
26
26
0.5
4.5
493S-1079A
485
10
26
26
0.5
4.5
493S-1080A
510
10
25
25
0.5
4.5
SELECTION GUIDE FOR STANDARD FILTERS
continued from previous page
前頁より続く
477MS-1036A
933
25
25
18
1.0
2.5
477MS-1037A
947.5
25
25
18
1.0
2.5
477MS-1038A
950
25
22
17
1.0
2.5
477MS-1031A
832.5
25
25
18
1.0
2.5
477MS-1032A
850
25
25
17
1.0
2.5
477MS-1033A
870
25
25
18
1.0
2.5
477MS-1034A
902.5
25
24
18
1.0
2.5
477MS-1035A
915
25
25
18
1.0
2.5
TYPE 5CHLW (Double tuned)
東光品番
中心周波数
帯域幅
選択度
リップル
挿入損失
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
(-1dB)
(MHz) Min.
Selectivity
Ripple
(dB) Max.
Fo - 100MHz
(dB) Min.
Fo + 100MHz
(dB) Min.
Insertion
Loss
(dB) Max.


Similar Part No. - 493S-1080A

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
493 SWITCH-493 Datasheet
28Kb / 1P
   LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
List of Unclassifed Man...
493 ETC2-493 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
493 OSCILENT-493 Datasheet
142Kb / 2P
   PECL Output
logo
EDAC, All Rights Reserv...
493-105-221-121 EDAC-493-105-221-121 Datasheet
246Kb / 2P
   493 Series Edge Connector | DIN 41612
493-105-221-121 EDAC-493-105-221-121 Datasheet
139Kb / 1P
   493 Series,Edge Connector | DIN 41612
More results

Similar Description - 493S-1080A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
5HW-125055F-1305 TOKO-5HW-125055F-1305 Datasheet
53Kb / 2P
   Helical Filters, Leaded
ELFC TOKO-ELFC Datasheet
114Kb / 1P
   AM Ladder Filters for Surface Mounting
7HW TOKO-7HW Datasheet
112Kb / 2P
   Radial Type Helical Filters
5HW TOKO-5HW Datasheet
164Kb / 2P
   Radial Type Helical Filters
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
logo
Murata Manufacturing Co...
PTC-NTC MURATA-PTC-NTC Datasheet
265Kb / 10P
   for Surface Mounting Application
logo
Delta Electronics, Inc.
06ME3G DELTA-06ME3G Datasheet
785Kb / 3P
   PC BOARD MOUNTING FILTERS
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com