Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5PNR-3520Z Datasheet(PDF) 1 Page - TOKO, Inc

Part # 5PNR-3520Z
Description  Variable Coils
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

5PNR-3520Z Datasheet(HTML) 1 Page - TOKO, Inc

  5PNR-3520Z Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
108
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
Variable Coils
5mm TYPE 5P, 5PG, 5PA, 5PAG
Frequency Range:
5P, 5PG 0.2~2.0MHz, 5PA, 5PAG 0.1-1MHz
5P, 5PG High Frequency 1-15MHz
Inductance Range:
5P, 5PG 30-680
µH
5P, 5PG High Frequency 1-40
µH
5PA, 5PAG 100
µH-4.5mH
Temperature Coefficient: TC (L) of 5P, 5PG 850
±350ppm/°C
5PA, 5PAG 750
±450ppm/°C and
5P, 5PG High Frequency 220
±220ppm/°C.
With Internal Capacitor TC (F) of 5P, 5PG or 5P, 5PG
High Frequency 0
±250ppm/°C
Optional Internal Capacitance Value:(1) (2)
(See selection guide)
TYPE 5PA
TOKO
Inductance
Test
Part
Range
Q
Frequency
Number
(mH)
(min.)
(kHz)
451AN-0002Z
0.8
±5%
65
796
451AN-0001Z
1.0
±5%
50
252
451AN-0042Z
2.0
±5%
40
252
451AN-0041Z
3.0
±5%
50
252
STANDARD COILS SELECTION GUIDE
(1) The 5P is available with the following internal ceramic capacitors:
180, 470, 1500pF for standard AM applications.
(2) 5P High Frequency is available with internal ceramic capacitors,
18-56pF for standard FM applications.
Features
• Low profile for compact designs.
TYPE 5P High Frequency
TOKO
Inductance
Test
Part
Range
Q
Frequency
Number
(
µH)
(min.)
(MHz)
332PN-3489Z
1.0
±5%
55
7.96
332PN-3490Z
1.2
±5%
55
7.96
332PN-3491Z
1.5
±5%
55
7.96
332PN-3492Z
1.8
±5%
55
7.96
332PN-3493Z
2.2
±5%
55
7.96
332PN-3494Z
2.7
±5%
55
7.96
332PN-3495Z
3.3
±5%
55
7.96
332PN-3496Z
3.9
±5%
55
7.96
332PN-3497Z
4.7
±5%
55
7.96
332PN-3498Z
5.6
±5%
55
7.96
332PN-3499Z
6.8
±5%
55
7.96
332PN-3500Z
8.2
±5%
55
7.96
332PN-3501Z
10.0
±5%
55
2.52
332PN-3502Z
12.0
±5%
55
2.52
332PN-3503Z
15.0
±5%
55
2.52
332PN-3504Z
18.0
±5%
55
2.52
332PN-3505Z
22.0
±5%
55
2.52
332PN-3506Z
27.0
±5%
55
2.52
332PN-3507Z
33.0
±5%
55
2.52
332PN-3508Z
39.0
±5%
55
2.52
TYPE 5P
TOKO
Inductance
Test
Part
Range
Q
Frequency
Number
(
µH)
(min.)
(MHz)
5PNR-3509Z
47.0
±5%
40
2.52
5PNR-3510Z
56.0
±5%
40
2.52
5PNR-3511Z
68.0
±5%
40
2.52
5PNR-3512Z
82.0
±5%
40
2.52
5PNR-3513Z
100.0
±5%
40
0.796
5PNR-3514Z
120.0
±5%
40
0.796
5PNR-3515Z
150.0
±5%
40
0.796
5PNR-3516Z
180.0
±5%
40
0.796
5PNR-3517Z
220.0
±5%
40
0.796
5PNR-3518Z
270.0
±5%
40
0.796
5PNR-3519Z
330.0
±5%
40
0.796
5PNR-3520Z
470.0
±5%
40
0.796
5PNR-3537Z
560.0
±5%
40
0.796
5PNR-3538Z
680.0
±5%
40
0.796
(
): 5PA, 5PAG
Unit: mm
TYPE
5P/5PG
5PA/5PAG


Similar Description - 5PNR-3520Z

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
7KMM TOKO-7KMM Datasheet
31Kb / 2P
   Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
   Variable Coils
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
   Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
   Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
   VARIABLE COILS
logo
TOKO, Inc
7KLL TOKO-7KLL Datasheet
41Kb / 3P
   Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
   Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-2R0 XFMRS-XF757595-2R0 Datasheet
34Kb / 1P
   VARIABLE COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com