Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC574 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74AC574
Description  Octal D Flip?묯lop with 3?뭆tate Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC574 Datasheet(HTML) 1 Page - ON Semiconductor

  74AC574 Datasheet HTML 1Page - ON Semiconductor 74AC574 Datasheet HTML 2Page - ON Semiconductor 74AC574 Datasheet HTML 3Page - ON Semiconductor 74AC574 Datasheet HTML 4Page - ON Semiconductor 74AC574 Datasheet HTML 5Page - ON Semiconductor 74AC574 Datasheet HTML 6Page - ON Semiconductor 74AC574 Datasheet HTML 7Page - ON Semiconductor 74AC574 Datasheet HTML 8Page - ON Semiconductor 74AC574 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 8
1
Publication Order Number:
MC74AC574/D
MC74AC574, MC74ACT574
Octal D Flip−Flop with
3−State Outputs
The MC74AC574/74ACT574 is a high−speed, low power octal
flip−flop with a buffered common Clock (CP) and a buffered common
Output Enable (OE). The information presented to the D inputs is
stored in the flip−flops on the LOW−to−HIGH Clock (CP) transition.
The MC74AC574/74ACT574 is functionally identical to the
MC74AC374/74ACT374 except for the pinouts.
Features
Inputs and Outputs on Opposite Sides of Package Allowing Easy
Interface with Microprocessors
Useful as Input or Output Port for Microprocessors
Functionally Identical to MC74AC374/74ACT374
3-State Outputs for Bus-Oriented Applications
Outputs Source/Sink 24 mA
′ACT574 Has TTL Compatible Inputs
Pb−Free Packages are Available
Figure 1. Pinout: 20−Lead Packages Conductors
(Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
O0
O1
O2
O3
O4
O5
O6
O7
CP
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
PIN ASSIGNMENT
PIN
FUNCTION
D0−D7
Data Inputs
CP
Clock Pulse Input
OE
3−State Output Enable Input
O0−O7
3−State Outputs
Figure 2. Logic Symbol
O0 O1 O2 O3 O4 O5 O6 O7
D0 D1 D2 D3 D4 D5 D6 D7
CP
OE
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
M SUFFIX
CASE 967
1
1
1
PDIP−20
N SUFFIX
CASE 738
1
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - 74AC574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC574 FAIRCHILD-74AC574 Datasheet
115Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC574 FAIRCHILD-74AC574 Datasheet
116Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC574MTC FAIRCHILD-74AC574MTC Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74AC574

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC374 ONSEMI-MC74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT374A ONSEMI-MC74VHCT374A_06 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com