Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1696L-25-SO8-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P1696L-25-SO8-R
Description  150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1696L-25-SO8-R Datasheet(HTML) 5 Page - Unisonic Technologies

  P1696L-25-SO8-R Datasheet HTML 1Page - Unisonic Technologies P1696L-25-SO8-R Datasheet HTML 2Page - Unisonic Technologies P1696L-25-SO8-R Datasheet HTML 3Page - Unisonic Technologies P1696L-25-SO8-R Datasheet HTML 4Page - Unisonic Technologies P1696L-25-SO8-R Datasheet HTML 5Page - Unisonic Technologies P1696L-25-SO8-R Datasheet HTML 6Page - Unisonic Technologies P1696L-25-SO8-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P1696
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R103-035,B
TYPICAL CHARACTERISTICS
Input Voltage (V)
4.85
4.90
4.95
5.00
5.05
5.10
5.15
Line Regulation
0
5
10
15
20
25
30
125
VOUT=5V, ILOAD=100mA
Normalized at TJ=25℃
100
Input Voltage (V)
60
65
70
75
80
85
90
2A Load
Efficiency
0
5
10
152025
30
3.3V
5.0V
0.5
1
2
3
Switch Current(A)
0.60
0.80
1.00
1.20
1.40
1.60
0
Switch Saturation Voltage
1 : -40 ℃
2 : 25 ℃
3 : 125℃
1
2
3
-25
0
25
50
75
100
Junction Temperature(℃)
3.50
3.75
4.00
4.25
4.50
4.75
5.00
-50
Switch Current Limit
125
-25
0
25
50
75
100
125
0.00
5.00
10.0
15.0
20.0
25.0
30.0
-50
Operating Quiescent Current
Junction Temperature (℃)
4.5V< VIN < 30V
ISWITCH =0
Switch ON
Switch OFF
VIN =12V, VOUT =5V
-25
0
25
50
75
4.85
4.90
4.95
5.00
5.05
5.10
5.15
-50
Normalized Output Voltage
VIN=20V,LLOAD=2A
Normalized at TJ=25 ℃
Junction Temperature (℃)


Similar Part No. - P1696L-25-SO8-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696L-25-S08-R UTC-P1696L-25-S08-R Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696L-25-S08-T UTC-P1696L-25-S08-T Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696L-25-SH2-R UTC-P1696L-25-SH2-R Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results

Similar Description - P1696L-25-SO8-R

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com