Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC646DWR Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74AC646DWR
Description  Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC646DWR Datasheet(HTML) 5 Page - ON Semiconductor

  MC74AC646DWR Datasheet HTML 1Page - ON Semiconductor MC74AC646DWR Datasheet HTML 2Page - ON Semiconductor MC74AC646DWR Datasheet HTML 3Page - ON Semiconductor MC74AC646DWR Datasheet HTML 4Page - ON Semiconductor MC74AC646DWR Datasheet HTML 5Page - ON Semiconductor MC74AC646DWR Datasheet HTML 6Page - ON Semiconductor MC74AC646DWR Datasheet HTML 7Page - ON Semiconductor MC74AC646DWR Datasheet HTML 8Page - ON Semiconductor MC74AC646DWR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC74AC646, MC74ACT646
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
4.0
10.5
16.5
3.0
18.5
ns
3−6
Clock to Bus
5.0
2.5
7.5
12
2.0
13
tPHL
Propagation Delay
3.3
3.0
9.5
14.5
2.5
16
ns
3−6
Clock to Bus
5.0
2.0
6.5
10.5
1.5
11.5
tPLH
Propagation Delay
3.3
2.5
7.5
12
2.0
13.5
ns
3−5
Bus to Bus
5.0
1.5
5.0
8.0
1.0
9.0
tPHL
Propagation Delay
3.3
1.5
7.5
12.5
1.5
13.5
ns
3−5
Bus to Bus
5.0
1.5
5.0
9.0
1.0
9.5
tPLH
Propagation Delay
3.3
5.0
2.0
1.5
8.5
6.0
13.5
10
1.5
1.5
15.5
11
ns
3−6
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
tPHL
Propagation Delay
3.3
5.0
1.5
1.5
8.5
6.0
13.5
10
1.5
1.5
15
11
ns
3−6
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
tPZH
Enable Time
G to An or Bn
3.3
2.5
7.0
11.5
2.0
12.5
ns
3−7
5.0
1.5
5.0
8.5
1.5
9.0
tPZL
Enable Time
G to An or Bn
3.3
2.5
7.5
12.5
2.0
14
ns
3−8
5.0
1.5
5.5
9.0
1.5
10
tPHZ
Disable Time
G to An or Bn
3.3
3.0
8.0
12.5
2.5
13.5
ns
3−7
5.0
2.0
6.5
10
2.0
11
tPLZ
Disable Time
G to An or Bn
3.3
2.0
7.5
12
2.0
13.5
ns
3−8
5.0
1.5
6.0
9.5
1.5
10.5
tPZH
Enable Time
DIR to An or Bn
3.3
2.0
6.5
11
1.5
12
ns
3−7
5.0
1.5
5.0
7.5
1.0
8.5
tPZL
Enable Time
DIR to An or Bn
3.3
2.5
7.0
11.5
2.0
13
ns
3−8
5.0
1.5
5.0
8.0
1.0
9.0
tPHZ
Disable Time
DIR to An or Bn
3.3
2.5
7.5
11.5
1.5
12.5
ns
3−7
5.0
1.5
5.5
9.5
1.5
10
tPLZ
Disable Time
DIR to An or Bn
3.3
1.5
7.5
12
1.5
13.5
ns
3−8
5.0
1.5
5.5
9.5
1.5
10.5
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.


Similar Part No. - MC74AC646DWR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC646DWR2 ONSEMI-MC74AC646DWR2 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
MC74AC646DWR2 ONSEMI-MC74AC646DWR2 Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DWR2G ONSEMI-MC74AC646DWR2G Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DWR2G ONSEMI-MC74AC646DWR2G Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results

Similar Description - MC74AC646DWR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC646DWR2G ONSEMI-MC74AC646DWR2G Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
MC74AC245 ONSEMI-MC74AC245_06 Datasheet
112Kb / 10P
   Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
November, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com