Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F600GNS-8066Z Datasheet(PDF) 2 Page - TOKO, Inc

Part # F600GNS-8066Z
Description  Variable Coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

F600GNS-8066Z Datasheet(HTML) 2 Page - TOKO, Inc

  F600GNS-8066Z Datasheet HTML 1Page - TOKO, Inc F600GNS-8066Z Datasheet HTML 2Page - TOKO, Inc F600GNS-8066Z Datasheet HTML 3Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
74
Variable Coils
TYPE
7KLL
STANDARD COILS SELECTION GUIDE
TYPE 7KLL Frequency Range: 30 ~ 80MHz
TOKO
Test
Part
Inductance
Q
Frequency
Number
(µH)
min.
(MHz)
600GNS-8034 Z
0.10 ± 6%
60 ± 20%
50
600GNS-8035 Z
0.12 ± 6%
65 ± 20%
50
600GNS-8036 Z
0.15 ± 6%
62 ± 20%
50
600GNS-8037 Z
0.18 ± 6%
68 ± 20%
50
600GNS-8038 Z
0.22 ± 6%
71 ± 20%
50
600GNS-8039 Z
0.27 ± 6%
77 ± 20%
50
600GNS-8040 Z
0.33 ± 6%
85 ± 20%
50
600GNS-8041 Z
0.39 ± 6%
84 ± 20%
50
600GNS-8042 Z
0.47 ± 6%
92 ± 20%
50
600GNS-8043 Z
0.56 ± 6%
88 ± 20%
50
600GNS-8044 Z
0.68 ± 6%
88 ± 20%
50
600GNS-8045 Z
0.82 ± 6%
87 ± 20%
50
600GNS-8046 Z
1.0 ± 6%
43 ± 20%
7.96
600GNS-8047 Z
1.2 ± 6%
42 ± 20%
7.96
600GNS-8048 Z
1.5 ± 6%
46 ± 20%
7.96
600GNS-8049 Z
1.8 ± 6%
45 ± 20%
7.96
600GNS-8050 Z
2.2 ± 6%
47 ± 20%
7.96
600GNS-8051 Z
2.7 ± 6%
45 ± 20%
7.96
600GNS-8052 Z
3.3 ± 6%
47 ± 20%
7.96
600GNS-8053 Z
3.9 ± 6%
47 ± 20%
7.96
600GNS-8054 Z
4.7 ± 6%
50 ± 20%
7.96
600GNS-8055 Z
5.6 ± 6%
48 ± 20%
7.96
600GNS-8056 Z
6.8 ± 6%
47 ± 20%
7.96
600GNS-8057 Z
8.2 ± 6%
47 ± 20%
7.96
600GNS-8058 Z
10.0 ± 6%
41 ± 20%
2.52
600GNS-8059 Z
12.0 ± 6%
42 ± 20%
2.52
600GNS-8060 Z
15.0 ± 6%
44 ± 20%
2.52
600GNS-8061 Z
18.0 ± 6%
45 ± 20%
2.52
600GNS-8062 Z
22.0 ± 6%
45 ± 20%
2.52
F600GNS-8063 Z
27.0 ± 6%
41 ± 20%
2.52
F600GNS-8064 Z
33.0 ± 6%
38 ± 20%
2.52
F600GNS-8065 Z
39.0 ± 6%
41 ± 20%
2.52
F600GNS-8066 Z
47.0 ± 6%
41 ± 20%
2.52


Similar Part No. - F600GNS-8066Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F600 ETC2-F600 Datasheet
796Kb / 15P
   RELAY - NONLATCH 6 PDT, 10 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
   RELAY - NONLATCH 6 PDT, 10 AMP
More results

Similar Description - F600GNS-8066Z

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
7KMM TOKO-7KMM Datasheet
31Kb / 2P
   Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
   Variable Coils
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
   Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
   Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
   VARIABLE COILS
logo
TOKO, Inc
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
   Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
   Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-2R0 XFMRS-XF757595-2R0 Datasheet
34Kb / 1P
   VARIABLE COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com