Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1119L-18-AB3-I-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L1119L-18-AB3-I-R
Description  1.5A LOW DROPOUT REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1119L-18-AB3-I-R Datasheet(HTML) 7 Page - Unisonic Technologies

  L1119L-18-AB3-I-R Datasheet HTML 1Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
L1119
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-051,B
TYPICAL CHARACTERISTICS(Cont.)
Line Transient Response
3.2
10μs/DIV
3.25
3.3
3.35
3.15
5.3
4.3
Line Transient Response
10μs/DIV
3.25
3.3
3.35
5.3
4.3
3.45
3.4
IOUT=1.5A
IOUT=1.5A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - L1119L-18-AB3-I-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119L-XX-AA3-A-R UTC-L1119L-XX-AA3-A-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-A-R UTC-L1119L-XX-AA3-A-R Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-C-R UTC-L1119L-XX-AA3-C-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-C-R UTC-L1119L-XX-AA3-C-R Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119L-XX-AB3-A-R UTC-L1119L-XX-AB3-A-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
More results

Similar Description - L1119L-18-AB3-I-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com