Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2940L-12-AA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM2940L-12-AA3-T
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940L-12-AA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  LM2940L-12-AA3-T Datasheet HTML 1Page - Unisonic Technologies LM2940L-12-AA3-T Datasheet HTML 2Page - Unisonic Technologies LM2940L-12-AA3-T Datasheet HTML 3Page - Unisonic Technologies LM2940L-12-AA3-T Datasheet HTML 4Page - Unisonic Technologies LM2940L-12-AA3-T Datasheet HTML 5Page - Unisonic Technologies LM2940L-12-AA3-T Datasheet HTML 6Page - Unisonic Technologies LM2940L-12-AA3-T Datasheet HTML 7Page - Unisonic Technologies LM2940L-12-AA3-T Datasheet HTML 8Page - Unisonic Technologies LM2940L-12-AA3-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 11
www.unisonic.com.tw
QW-R102-016.E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
26
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
+150
°C
TO-220/TO-263-3/TO-263
-40 ~ +125
°C
Operating Temperature
SOT-223
TOPR
-40 ~ +85
°C
Storage temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Ta=TJ =25°C, VIN=VOUT+5V, IOUT=1A and COUT=22µF, unless otherwise specified.)
For LM2940-5.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
6.25V ≤ VIN ≤ 26V, 5mA ≤ IOUT ≤ 1A
4.85
5.00
5.15
V
Line Regulation
VOUT
VOUT+2V ≤ VIN ≤ 26V, IOUT=5mA
20
50
mV
Load Regulation
VOUT
50mA ≤ IOUT ≤ 1A
35
50
mV
Output Impedance
Ro
100 mA DC and 20mArms, fo=120Hz
35
mΩ
Quiescent Current
IQ
VOUT+2V ≤ VIN ≤ 26V, IOUT=5mA
10
15
mA
Output Noise Voltage
eN
10Hz-100kHz, IOUT=5mA
150
µVrms
Ripple Rejection
RR
fo=120Hz, 1Vrms, IOUT=100mA
60
72
dB
Long Term Stability
20
mV/
1000Hr
IOUT=1A
0.5
0.8
Dropout Voltage
VD
IOUT=100mA
0.11
0.15
V
Short Circuit Current
ISC
(Note)
1.6
1.9
A
Maximum Line Transient
TIN
Ro=100Ω, T ≤ 100ms
60
75
V
Reverse Polarity DC Input Voltage
VRIN
Ro=100Ω
-15
-30
V
Reverse Polarity Transient Input
Voltage
VTRRI
Ro=100Ω, T ≤ 100ms
-50
-75
V
For LM2940-8.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
9.4V ≤ VIN ≤ 26V, 5mA ≤ IOUT ≤ 1A
7.76
8.00
8.24
V
Line regulation
VOUT
VOUT +2V ≤ VIN ≤ 26V, IOUT=5mA
20
80
mV
Load Regulation
VOUT
50mA ≤ IOUT ≤1A
55
80
mV
Output Impedance
Ro
100 mA DC and 20mArms, fo=120Hz
55
mΩ
Quiescent Current
IQ
VOUT +2V ≤ VIN ≤ 26V, IOUT =5mA
10
15
mA
Output Noise Voltage
eN
10Hz-100kHz, IOUT =5mA
240
µVrms
Ripple Rejection
RR
fo=120Hz, 1Vrms, IOUT =100mA
54
66
dB
Long Term Stability
32
mV/
1000Hr
IOUT =1A
0.5
0.8
Dropout Voltage
VD
IOUT =100mA
0.11
0.15
V
Short Circuit Current
ISC
(Note)
1.6
1.9
A
Maximum Line Transient
TIN
Ro=100Ω, T ≤ 100ms
60
75
V
Reverse Polarity DC Input Voltage
VRIN
Ro=100Ω
-15
-30
V
Reverse Polarity Transient Input
Voltage
VTRRI
Ro=100Ω, T ≤ 100ms
-50
-75
V


Similar Part No. - LM2940L-12-AA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940L-12-AA3-T UTC-LM2940L-12-AA3-T Datasheet
368Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM2940L-12-AA3-T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com