Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT640MELG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74ACT640MELG
Description  Octal 3?뭆tate Inverting Transciever
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT640MELG Datasheet(HTML) 3 Page - ON Semiconductor

  MC74ACT640MELG Datasheet HTML 1Page - ON Semiconductor MC74ACT640MELG Datasheet HTML 2Page - ON Semiconductor MC74ACT640MELG Datasheet HTML 3Page - ON Semiconductor MC74ACT640MELG Datasheet HTML 4Page - ON Semiconductor MC74ACT640MELG Datasheet HTML 5Page - ON Semiconductor MC74ACT640MELG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74ACT640
http://onsemi.com
3
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
TA = +255C
TA = −405C to
+85
5C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level Input Voltage
4.5
5.5
1.5
1.5
2.0
2.0
2.0
2.0
V
V
VOUT = 0.1 V
or
VCC − 0.1 V
VIL
Maximum Low Level Input Voltage
4.5
5.5
1.5
1.5
0.8
0.8
0.8
0.8
V
V
VOUT = 0.1 V
or
VCC − 0.1 V
VOH
Minimum High Level Output Voltage
4.5
5.5
4.49
5.49
4.4
5.4
4.4
5.4
V
V
IOUT = −50 mA
4.5
5.5
3.86
4.86
3.76
4.76
V
V
*VIN = VIL or VIH
−24 mA
IOH
−24 mA
VOL
Maximum Low Level Output Voltage
4.5
5.5
0.001
0.001
0.1
0.1
0.1
0.1
V
V
IOUT = 50 mA
4.5
5.5
0.36
0.36
0.44
0.44
V
V
*VIN = VIL or VIH
−24 mA
IOH
−24 mA
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOZ
Maximum 3−State Current
5.5
±0.5
±5.0
mA
VI (OE) = VIL, VIH
VI = VCC, GND
VO = VCC, GND
IOLD
IOHD
†Minimum Dynamic Output Current
5.5
5.5
75
−75
mA
mA
VOLD = 1.65 V Max
ICC
Maximum Quiescent Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS tr = tf = 3.0 ns (For Figures and Waveforms, See Figures 2 and 3.)
Symbol
Parameter
VCC*
(V)
TA = +255C
CL = 50 pF
TA = −405C to +855C
CL = 50 pF
Unit
Min
Max
Min
Max
tPLH
Propagation Delay
An to Bn or Bn to An
5.0
1.5
8.0
1.0
8.5
ns
tPHL
Propagation Delay
An to Bn or Bn to An
5.0
1.5
8.0
1.0
9.0
ns
tPZH
Output Enable Time
OE to An or Bn
5.0
1.5
10.0
1.0
11.0
ns
tPZL
Output Enable Time
OE to An or Bn
5.0
1.5
10.0
1.0
11.0
ns
tPHZ
Output Disable Time
T/R or OE to An or Bn
5.0
1.5
10.0
1.0
11.0
ns
tPLZ
Output Disable Time
T/R or OE to An or Bn
5.0
1.5
10.0
1.0
11.0
ns
*Voltage Range 5.0 V is 5.0 V
±0.5 V
CAPACITANCE
Symbol
Parameter
Value Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CI/O
Input/Output Capacitance
15
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V


Similar Part No. - MC74ACT640MELG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT640 MOTOROLA-MC74ACT640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT640 ONSEMI-MC74ACT640 Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
logo
Motorola, Inc
MC74ACT640DW MOTOROLA-MC74ACT640DW Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT640DWG ONSEMI-MC74ACT640DWG Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
MC74ACT640DWR2G ONSEMI-MC74ACT640DWR2G Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
More results

Similar Description - MC74ACT640MELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT640 ONSEMI-MC74ACT640_15 Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
   Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
MC74AC373 ONSEMI-MC74AC373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com