Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC02A Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC02A
Description  Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC02A Datasheet(HTML) 6 Page - ON Semiconductor

  MC74HC02A Datasheet HTML 1Page - ON Semiconductor MC74HC02A Datasheet HTML 2Page - ON Semiconductor MC74HC02A Datasheet HTML 3Page - ON Semiconductor MC74HC02A Datasheet HTML 4Page - ON Semiconductor MC74HC02A Datasheet HTML 5Page - ON Semiconductor MC74HC02A Datasheet HTML 6Page - ON Semiconductor MC74HC02A Datasheet HTML 7Page - ON Semiconductor MC74HC02A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74HC02A
http://onsemi.com
6
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
7X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC74HC02A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC02A ONSEMI-MC74HC02A Datasheet
154Kb / 8P
   Quad 2-Input NOR Gate
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC74HC02A MOTOROLA-MC74HC02A Datasheet
98Kb / 7P
   QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
ON Semiconductor
MC74HC02A ONSEMI-MC74HC02A Datasheet
128Kb / 7P
   Quad 2-Input NOR Gate
October, 2013 ??Rev. 14
MC74HC02AD ONSEMI-MC74HC02AD Datasheet
154Kb / 8P
   Quad 2-Input NOR Gate
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC74HC02AD MOTOROLA-MC74HC02AD Datasheet
98Kb / 7P
   QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
More results

Similar Description - MC74HC02A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC02 ONSEMI-74HC02 Datasheet
121Kb / 7P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC08 ONSEMI-74HC08 Datasheet
126Kb / 7P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC32A ONSEMI-MC74HC32A_06 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
MC74HC08A ONSEMI-MC74HC08A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC86 ONSEMI-74HC86 Datasheet
129Kb / 8P
   Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC86A ONSEMI-MC74HC86A_06 Datasheet
163Kb / 8P
   Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
74HCT157 ONSEMI-74HCT157 Datasheet
138Kb / 9P
   Quad 2?묲nput Data Selectors / Multiplexers High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC132A ONSEMI-MC74HC132A_06 Datasheet
115Kb / 10P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com