Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC04ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC04ADR2G
Description  Hex Inverter High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC04ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC04ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HC04ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC04ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC04ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC04ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC04ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC04ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC04ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HC04ADR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74HC04A
http://onsemi.com
4
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
V
Guaranteed Limit
Symbol
Parameter
Condition
−55 to 25°C
≤85°C
≤125°C
Unit
VIH
Minimum High−Level Input
Voltage
Vout = 0.1V or VCC −0.1V
|Iout| ≤ 20mA
2.0
3.0
4.5
6.0
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
V
VIL
Maximum Low−Level Input
Voltage
Vout = 0.1V or VCC − 0.1V
|Iout| ≤ 20mA
2.0
3.0
4.5
6.0
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH or VIL
|Iout| ≤ 20mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin =VIH or VIL
|Iout| ≤ 2.4mA
|Iout| ≤ 4.0mA
|Iout| ≤ 5.2mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
|Iout| ≤ 20mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| ≤ 2.4mA
|Iout| ≤ 4.0mA
|Iout| ≤ 5.2mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage
Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0mA
6.0
1.0
10
40
mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50pF, Input tr = tf = 6ns)
VCC
V
Guaranteed Limit
Symbol
Parameter
−55 to 25°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A or B to Output Y
(Figures 1 and 2)
2.0
3.0
4.5
6.0
75
30
15
13
95
40
19
16
110
55
22
19
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Inverter)*
Typical @ 25°C, VCC = 5.0 V
pF
20
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC04ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC04ADR2G ONSEMI-MC74HC04ADR2G Datasheet
123Kb / 7P
   Hex Inverter
October, 2013 ??Rev. 14
More results

Similar Description - MC74HC04ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCU04A ONSEMI-MC74HCU04A_06 Datasheet
167Kb / 9P
   Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
   Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com