Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC74ADTR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC74ADTR2
Description  Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC74ADTR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC74ADTR2 Datasheet HTML 1Page - ON Semiconductor MC74HC74ADTR2 Datasheet HTML 2Page - ON Semiconductor MC74HC74ADTR2 Datasheet HTML 3Page - ON Semiconductor MC74HC74ADTR2 Datasheet HTML 4Page - ON Semiconductor MC74HC74ADTR2 Datasheet HTML 5Page - ON Semiconductor MC74HC74ADTR2 Datasheet HTML 6Page - ON Semiconductor MC74HC74ADTR2 Datasheet HTML 7Page - ON Semiconductor MC74HC74ADTR2 Datasheet HTML 8Page - ON Semiconductor MC74HC74ADTR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74HC74A
http://onsemi.com
5
SWITCHING WAVEFORMS
Figure 1.
50%
50%
50%
50%
VCC
VCC
GND
GND
SET OR
RESET
Q OR Q
Q OR Q
CLOCK
tPLH
tPHL
50%
DATA
CLOCK
VCC
VCC
GND
Figure 2.
VALID
GND
tsu
th
trec
tw
SET
DATA
RESET
4, 10
2, 12
1, 13
CLOCK
3, 11
5, 9
6, 8
Q
Q
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3.
1/fmax
CLOCK
Q or Q
tf
tr
VCC
GND
90%
50%
10%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
50%
Figure 4.
Figure 5. EXPANDED LOGIC DIAGRAM


Similar Part No. - MC74HC74ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC74ADTR2 ONSEMI-MC74HC74ADTR2 Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
MC74HC74ADTR2G ONSEMI-MC74HC74ADTR2G Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
MC74HC74ADTR2G ONSEMI-MC74HC74ADTR2G Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results

Similar Description - MC74HC74ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC74 ONSEMI-74HC74 Datasheet
133Kb / 8P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
February, 2007 ??Rev. 0
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC112A ONSEMI-MC74HC112A Datasheet
181Kb / 8P
   Dual J-K Flip-Flop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com