Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TL431-AB3-R
Description  PROGRAMMABLE PRECISION REFERENCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TL431-AB3-R Datasheet HTML 1Page - Unisonic Technologies TL431-AB3-R Datasheet HTML 2Page - Unisonic Technologies TL431-AB3-R Datasheet HTML 3Page - Unisonic Technologies TL431-AB3-R Datasheet HTML 4Page - Unisonic Technologies TL431-AB3-R Datasheet HTML 5Page - Unisonic Technologies TL431-AB3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TL431
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 6
www.unisonic.com.tw
QW-R103-003,R
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Cathode Voltage
VKA
37
V
Cathode Current Range(Continuous)
IKA
-100 ~ +150
mA
Reference Input Current Range
IREF
-0.05 ~ +10
mA
TO-92
770
mW
SOT-89
800
mW
Power Dissipation
SOT-23/SOT-25
PD
300
mW
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1
100
mA
ELECTRICAL CHARACTERISTICS (T
C= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Input Voltage
VREF
VKA=VREF,IKA=10mA
2.470 2.495 2.520
V
Deviation of reference Input Voltage Over
temperature
∆V
REF/∆T
VKA=VREF,IKA=10mA
0
°C≦Ta≦70°C
4.5
17
mV
∆V
KA=10V~VREF
-1.0
-2.7
Ratio of Change in Reference Input
Voltage to the Change in Cathode Voltage
∆V
REF/∆VKA IKA=10mA
∆V
KA=36V~10V
-0.5
-2.0
mV/V
Reference Input Current
IREF
IKA=10mA, R1=10kΩ, R2=∞
1.5
4
µA
Deviation of Reference Input Current Over
Full Temperature Range
∆I
REF/∆T
IKA=10mA, R1=10kΩ, R2=∞
Ta =full Temperature
0.4
1.2
µA
Minimum Cathode Current for Regulation
IKA(MIN)
VKA=VREF
0.45
1.0
mA
Off-State Cathode Current
IKA(OFF)
VKA=36V, VREF=0
0.05
1.0
µA
Dynamic Impedance
ZKA
VKA=VREF, IKA=1 to 100mA
f
≤1.0kHz
0.15
0.5


Similar Part No. - TL431-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431-AB3-R UTC-TL431-AB3-R Datasheet
242Kb / 7P
   PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - TL431-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com