Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX259 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LVX259
Description  8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX259 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74LVX259 Datasheet HTML 2Page - ON Semiconductor MC74LVX259 Datasheet HTML 3Page - ON Semiconductor MC74LVX259 Datasheet HTML 4Page - ON Semiconductor MC74LVX259 Datasheet HTML 5Page - ON Semiconductor MC74LVX259 Datasheet HTML 6Page - ON Semiconductor MC74LVX259 Datasheet HTML 7Page - ON Semiconductor MC74LVX259 Datasheet HTML 8Page - ON Semiconductor MC74LVX259 Datasheet HTML 9Page - ON Semiconductor MC74LVX259 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC74LVX259
http://onsemi.com
7
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX259D
SOIC−16
48 Units / Rail
MC74LVX259DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74LVX259DR2
SOIC−16
2500 Tape & Reel
MC74LVX259DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74LVX259DT
TSSOP−16*
96 Units / Rail
MC74LVX259DTR2
TSSOP−16*
2500 Tape & Reel
MC74LVX259M
SOEIAJ−16
50 Units / Rail
MC74LVX259MG
SOEIAJ−16
(Pb−Free)
50 Units / Rail
MC74LVX259MEL
SOEIAJ−16
2000 Tape & Reel
MC74LVX259MELG
SOEIAJ−16
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
EMBOSSED CARRIER DIMENSIONS (See Notes 6 and 7)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
8 mm
4.35 mm
(0.179”)
1.5 mm
+ 0.1
−0.0
(0.059”
0 004
1.0 mm
Min
(0.179”)
1.75 mm
±0.1
(0.069
±0.004”)
3.5 mm
±0.5
(1.38
±0.002”)
2.4 mm
Max
(0.094”)
4.0 mm
±0.10
(0.157
±0.004”)
4.0 mm
±0.1
(0.157
±0.004”)
2.0 mm
±0.1
(0.079
±0.004”)
25 mm
(0.98”)
0.6 mm
(0.024)
8.3 mm
(0.327)
12 mm
8.2 mm
(0.323”)
(
+0.004
−0.0)
1.5 mm
Min
(0.060)
)
5.5 mm
±0.5
(0.217
±0.002”)
6.4 mm
Max
(0.252”)
4.0 mm
±0.10
(0.157
±0.004”)
8.0 mm
±0.10
(0.315
±0.004”)
)
)
30 mm
(1.18”)
12.0 mm
±0.3
(0.470
±0.012”)
16 mm
12.1 mm
(0.476”)
7.5 mm
±0.10
(0.295
±0.004”)
7.9 mm
Max
(0.311”)
4.0 mm
±0.10
(0.157
±0.004”)
8.0 mm
±0.10
(0.315
±0.004”)
12.0 mm
±0.10
(0.472
±0.004”)
16.3 mm
(0.642)
24 mm
20.1 mm
(0.791”)
11.5 mm
±0.10
(0.453
±0.004”)
11.9 mm
Max
(0.468”)
16.0 mm
±0.10
(0.63
±0.004”)
24.3 mm
(0.957)
6. Metric Dimensions Govern−English are in parentheses for reference only.
7. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10
° within the determined cavity


Similar Part No. - MC74LVX259

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259D ONSEMI-MC74LVX259D Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
MC74LVX259DG ONSEMI-MC74LVX259DG Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259DR2 ONSEMI-MC74LVX259DR2 Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
More results

Similar Description - MC74LVX259

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT259A ONSEMI-MC74VHCT259A Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
MC74VHC259 ONSEMI-MC74VHC259_06 Datasheet
229Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL-Compatible Inputs
March, 2006 -- Rev. 3
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com