Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX541MELG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX541MELG
Description  Octal Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX541MELG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX541MELG Datasheet HTML 1Page - ON Semiconductor MC74LVX541MELG Datasheet HTML 2Page - ON Semiconductor MC74LVX541MELG Datasheet HTML 3Page - ON Semiconductor MC74LVX541MELG Datasheet HTML 4Page - ON Semiconductor MC74LVX541MELG Datasheet HTML 5Page - ON Semiconductor MC74LVX541MELG Datasheet HTML 6Page - ON Semiconductor MC74LVX541MELG Datasheet HTML 7Page - ON Semiconductor MC74LVX541MELG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVX541
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation Delay,
A to Y
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
5.0
7.5
7.0
10.5
1.0
1.0
8.5
12.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
3.5
5.0
5.0
7.0
1.0
1.0
6.0
8.0
tPZL,
tPZH
Output Enable TIme,
OE to Y
VCC = 2.7 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
6.8
9.3
10.5
14.0
1.0
1.0
12.5
16.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
4.7
6.2
7.2
9.2
1.0
1.0
8.5
10.5
tPLZ,
tPHZ
Output Disable Time,
OE to Y
VCC = 2.7 V
CL = 50 pF
RL = 1 kW
11.2
15.4
1.0
17.5
ns
VCC = 3.3 ± 0.3 V
CL = 50 pF
RL = 1 kW
6.0
8.8
1.0
10.0
tOSLH,
tOSHL
Output to Output Skew
VCC = 2.7 V
CL = 50 pF
(Note 1)
1.5
1.5
ns
VCC = 3.3 ± 0.3 V
CL = 50 pF
(Note 1)
1.0
1.0
ns
Cin
Maximum Input Capacitance
4.0
10
10
pF
Cout
Maximum Three−State Output
Capacitance
(Output in High Impedance
State)
6.0
pF
Typical @ 25
°C, VCC = 5.0V
CPD
Power Dissipation Capacitance (Note 2)
18
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 8 (per bit). CPD is used to determine the no−load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 3.3 V)
TA = 25°C
Symbol
Parameter
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.5
−0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
VCC
GND
A
Y
tPLH
OE1 or OE2
50%
VCC
GND
Y
tPZL
Y
tPZH
HIGH
IMPEDANCE
VOL +0.3 V
VOH −0.3 V
HIGH
IMPEDANCE
tPLZ
tPHZ
50% VCC
50% VCC
tPHL
50%
Figure 4.
SWITCHING WAVEFORMS
50% VCC
50%
Figure 5.


Similar Part No. - MC74LVX541MELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX541MELG ONSEMI-MC74LVX541MELG Datasheet
138Kb / 7P
   Octal Bus Buffer
May, 2011 ??Rev. 4
More results

Similar Description - MC74LVX541MELG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com