Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3055 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N3055
Description  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3055 Datasheet(HTML) 2 Page - Unisonic Technologies

  2N3055 Datasheet HTML 1Page - Unisonic Technologies 2N3055 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC2N3055
SILICON NPN TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R205-003,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Base-Emitter On Voltage
VBE(on)
Ic=4A,VCE=4V
1.5
V
SECOND BREAKDOWN
Second Breakdown Collector with
Base Forward Biased
Is/b
VCE=60V,T=1.0s, Non-repetitive 2.87
A
DYNAMIC CHARACTERISTICS
Current Gain-Bandwidth Product
fT
Ic=0.5A,VCE=10V,f=1MHz
2.5
MHz
Small-Signal Current Gain
hFE
Ic=1A,VCE=4V,f=1kHz
15
120
Small-Signal Current Gain
Cut-off Frequency
fHFE
Ic=1A,VCE=4V
F=1.0kHz
10
kHz
Note(1):Pulse Test: Puls Width<=300
µs, Duty Cycle<=2%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2N3055

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
2N3055 SS-2N3055 Datasheet
230Kb / 2P
   NPN Transistor Bare Die
Rev 1.0 22/08/23
logo
Mospec Semiconductor
2N3055 MOSPEC-2N3055 Datasheet
167Kb / 3P
   POWER TRANSISTORS(15A,50V,115W)
logo
ON Semiconductor
2N3055 ONSEMI-2N3055 Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055 Datasheet
493Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
More results

Similar Description - 2N3055

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com