Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N3773
Description  COMPLEMENTARY SILICON TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3773 Datasheet(HTML) 3 Page - Unisonic Technologies

  2N3773 Datasheet HTML 1Page - Unisonic Technologies 2N3773 Datasheet HTML 2Page - Unisonic Technologies 2N3773 Datasheet HTML 3Page - Unisonic Technologies 2N3773 Datasheet HTML 4Page - Unisonic Technologies 2N3773 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC2N3773/2N6099
POWER TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R205-001,A
TYPICAL PARAMETERS PERFORAMCES
Figure 1 DC current gain
0.1
1
10
100
1
10
1000
10
0
VCE=4V
150°C
25°C
-55°C
Collector Current (A)
0.1
1
10
100
Collector Current (A)
1
10
1000
10
0
Figure 2 DC current gain
2N3773
2N6609
Figure 3 Collecor saturation
region
Figure 4 Collecor saturation
region
Base current (A)
Base current (A)
0.01
0.1
1
10
0
0.4
0.8
1.2
1.6
2.0
0
0.4
0.8
1.2
1.6
2.0
0.01
0.1
1
10
VCE=4V
150°C
25°C
-55°C
Ic=16A
Ic=8A
Ic=4A
Ta=25°C
Ic=16A
Ic=8A
Ic=4A
Ta=25°C
Figure 5 "ON" Voltage
Figure 6 "ON" Voltage
0.1
1
10
100
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2.0
0
0.4
0.8
1.2
1.6
2.0
Ta=25°C
Ta=25°C
Ta=150°C
Ta=150°C
VBE(sat)
VCE(sat)
Ic/Ib=10
Ta=150°C
Ta=25°C
Ta=25°C
Ta=150°C
VBE(sat)
VCE(sat)
Ic/Ib=10


Similar Part No. - 2N3773

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
   POWER TRANSISTORS(16A,140V,150W)
logo
Dc Components
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Central Semiconductor C...
2N3773 CENTRAL-2N3773 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
Quanzhou Jinmei Electro...
2N3773 JMNIC-2N3773 Datasheet
178Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N3773

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
MPSA05 CENTRAL-MPSA05_15 Datasheet
1Mb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5814 NJSEMI-2N5814 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N6099 UTC-2N6099_15 Datasheet
73Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
WW18 NJSEMI-WW18 Datasheet
122Kb / 2P
   Silicon Complementary Transistors
logo
Unisonic Technologies
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
CMPT4401 CENTRAL-CMPT4401 Datasheet
99Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
CMPT3904 CENTRAL-CMPT3904 Datasheet
100Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com