Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N3904-T92-B
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3904-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  2N3904-T92-B Datasheet HTML 1Page - Unisonic Technologies 2N3904-T92-B Datasheet HTML 2Page - Unisonic Technologies 2N3904-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3904
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-027,B
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
200
mA
Collector Dissipation
PC
625
mW
Junction Temperature
TJ
150
Operating and Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=10µA, IE=0
60
V
Collector-Emitter Breakdown Voltage (note)
BVCEO
IC=1mA,IB=0
40
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10µA, IC=0
6
V
VCE(SAT)1 IC=10mA, IB=1mA
0.2
Collector-Emitter Saturation Voltage (note)
VCE(SAT)2 IC=50mA, IB=5mA
0.3
V
VBE(SAT)1 IC=10mA, IB=1mA
0.65
0.85
Base-Emitter Saturation Voltage (note)
VBE(SAT)2 IC=50mA, IB=5mA
0.95
V
Collector Cut-off Current
ICBO
VCE=30V, VEB=3V
50
nA
Base Cut-off Current
IBL
VCE=30V, VEB=3V
50
nA
hFE1
VCE=1V, IC=0.1mA
40
hFE2
VCE=1V, IC=1mA
70
hFE3
VCE=1V, IC=10mA
100
300
hFE4
VCE=1V, IC=50mA
60
DC Current Gain (note)
hFE5
VCE=1V, IC=100mA
30
Current Gain Bandwidth Product
fT
VCE=20V, IC=10mA, f=100MHz
300
MHz
Output Capacitance
Cob
VCB=5V, IE=0, f=1MHz
4
pF
Turn on Time
tON
VCC=3V,VBE=0.5V,IC=10mA,
IB1=1mA
70
ns
Turn off Time
tOFF
IB1=1B2=1mA
250
ns
Note: Pulse test: Pulse Width≦300
µs, Duty Cycle≦2%


Similar Part No. - 2N3904-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3904-T92-B UTC-2N3904-T92-B Datasheet
140Kb / 3P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - 2N3904-T92-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com