Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1119L-18-AB3-O-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1119L-18-AB3-O-T
Description  1.5A LOW DROPOUT REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1119L-18-AB3-O-T Datasheet(HTML) 5 Page - Unisonic Technologies

  L1119L-18-AB3-O-T Datasheet HTML 1Page - Unisonic Technologies L1119L-18-AB3-O-T Datasheet HTML 2Page - Unisonic Technologies L1119L-18-AB3-O-T Datasheet HTML 3Page - Unisonic Technologies L1119L-18-AB3-O-T Datasheet HTML 4Page - Unisonic Technologies L1119L-18-AB3-O-T Datasheet HTML 5Page - Unisonic Technologies L1119L-18-AB3-O-T Datasheet HTML 6Page - Unisonic Technologies L1119L-18-AB3-O-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L1119
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-051,B
TYPICAL CHARACTERISTICS
(VIN=VOUT+1V, VOUT=2.5V, COUT=33µF, IOUT =10mA, CIN=68µF, Ta=25°C.)
-40 -20
0
20
40 60
80 100 120 140
0
0.05
0.1
0.15
0.2
0.25
Temperature (℃)
IL=100mA
IL=800mA
Drop-Out Voltage vs Temperature (IL)
-40 -20
0
20
40
60 80 100 120 140
0.15
0.175
0.2
0.225
Temperature (℃)
VOUT=3.3V
Drop-Out Voltage vs Temperature (VOUT)
0.125
VOUT=2.5V
VOUT=5V
IOUT=800mA
VOUT vs Temperature
0.00
-0.10
-0.20
-0.30
-0.40
-0.50
-0.60
-0.70
-0.80
-0.90
-75
-50 -25
0
25
50
75 100 125
Temperature(℃)
10
0.010
10
Frequency(Hz)
Noise Density
1.000
0.100
100
1000
100000
10000
VIN=3.5V, VOUT=2.5V, IL=10mA
0
0
3
VIN (V)
Input Voltage vs Output Voltage
2.5
0.5
1.5
2
1
1
234
IL=100mA
IL=800mA


Similar Part No. - L1119L-18-AB3-O-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119L-XX-AA3-A-R UTC-L1119L-XX-AA3-A-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-A-R UTC-L1119L-XX-AA3-A-R Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-C-R UTC-L1119L-XX-AA3-C-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-C-R UTC-L1119L-XX-AA3-C-R Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119L-XX-AB3-A-R UTC-L1119L-XX-AB3-A-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
More results

Similar Description - L1119L-18-AB3-O-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com