Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX4066 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74LVX4066
Description  Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVX4066 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74LVX4066 Datasheet HTML 3Page - ON Semiconductor 74LVX4066 Datasheet HTML 4Page - ON Semiconductor 74LVX4066 Datasheet HTML 5Page - ON Semiconductor 74LVX4066 Datasheet HTML 6Page - ON Semiconductor 74LVX4066 Datasheet HTML 7Page - ON Semiconductor 74LVX4066 Datasheet HTML 8Page - ON Semiconductor 74LVX4066 Datasheet HTML 9Page - ON Semiconductor 74LVX4066 Datasheet HTML 10Page - ON Semiconductor 74LVX4066 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74LVX4066
http://onsemi.com
7
Figure 3. Maximum Off Channel Leakage Current,
Any One Channel, Test Set−Up
OFF
7
14
VCC
A
VCC
GND
VCC
SELECTED
CONTROL
INPUT
VIL
Figure 4. Maximum On Channel Leakage Current,
Test Set−Up
ON
14
VCC
N/C
A
GND
VCC
7
SELECTED
CONTROL
INPUT
VIH
Figure 5. Maximum On−Channel Bandwidth
Test Set−Up
ON
14
VCC
0.1mF
CL*
fin
dB
METER
*Includes all probe and jig capacitance.
VOS
7
SELECTED
CONTROL
INPUT
VCC
Figure 6. Off−Channel Feedthrough Isolation,
Test Set−Up
OFF
7
14
VCC
0.1mF
CL*
fin
dB
METER
*Includes all probe and jig capacitance.
VOS
RL
VIS
SELECTED
CONTROL
INPUT
Figure 7. Feedthrough Noise, ON/OFF Control to
Analog Out, Test Set−Up
14
VCC
CL*
*Includes all probe and jig capacitance.
OFF/ON
VCC
GND
Vin ≤ 1 MHz
tr = tf = 3 ns
CONTROL
VCC/2
RL
IS
RL
VOS
7
SELECTED
CONTROL
INPUT
VCC/2
VCC
GND
ANALOG IN
ANALOG OUT
50%
tPLH
tPHL
50%
Figure 8. Propagation Delays, Analog In to
Analog Out


Similar Part No. - 74LVX4066

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
STMicroelectronics
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Fairchild Semiconductor
74LVX4245M FAIRCHILD-74LVX4245M Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245MTC FAIRCHILD-74LVX4245MTC Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

Similar Description - 74LVX4066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4066 ONSEMI-MC74LVXT4066_05 Datasheet
172Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 2
MC74VHC4066 ONSEMI-MC74VHC4066 Datasheet
219Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2006 ??Rev. 5
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com