Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX16722 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VCX16722
Description  Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16722 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VCX16722_05 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (2.3V
≤ V
CC ≤ 2.7V)
Note 6: Outputs disabled or 3-STATE only.
DC Electrical Characteristics (1.65V
≤ V
CC < 2.3V)
Note 7: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.3–2.7
1.6
V
VIL
LOW Level Input Voltage
2.3–2.7
0.7
V
VOH
HIGH Level Output Voltage
IOH = −100 µA2.3–2.7
VCC − 0.2
V
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
IOH = −18 mA
2.3
1.7
VOL
LOW Level Output Voltage
IOL = 100 µA2.3–2.7
0.2
IOL = 12mA
2.3
0.4
V
IOL = 18 mA
2.3
0.6
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
2.3–2.7
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
2.3–2.7
±10
µA
VI = VIH or VIL
IOFF
Power Off Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3–2.7
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 6)
±20
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
1.65 - 2.3
0.65
× V
CC
V
VIL
LOW Level Input Voltage
1.65 - 2.3
0.35
× V
CC
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65 - 2.3
VCC − 0.2
V
IOH = −6 mA
1.65
1.25
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 2.3
0.2
V
IOL = 6mA
1.65
0.3
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
1.65 - 2.3
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
1.65 - 2.3
±10
µA
VI = VIH or VIL
IOFF
Power Off Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.65 - 2.3
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 7)
±20


Similar Part No. - 74VCX16722_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16722MTD FAIRCHILD-74VCX16722MTD Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74VCX16722_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16722 FAIRCHILD-74VCX16722 Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16652FT TOSHIBA-TC74VCX16652FT Datasheet
492Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com