Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX162839MTD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VCX162839MTD
Description  Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162839MTD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VCX162839MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 8)
Note 8: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Extended AC Electrical Characteristics (Note 10)
Note 10: This parameter is guaranteed by characterization but not tested.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.5V ± 0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
125
MHz
tPHL
Propagation Delay In to On
0.8
3.5
1.0
4.9
1.5
9.8
ns
tPLH
(REGE
= 0)
tPHL
Propagation Delay CLK to On
0.8
4.1
1.0
5.8
1.5
9.8
ns
tPLH
(REGE
= 1)
tPHL, tPLH
Propagation Delay REGE to On
0.8
4.9
1.0
6.4
1.5
9.8
ns
tPZL, tPZH
Output Enable Time
0.8
4.3
1.0
6.1
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
0.8
4.3
1.0
4.9
1.5
8.8
ns
tS
Setup Time
1.0
1.0
2.5
ns
tH
Hold Time
0.7
0.7
1.0
ns
tW
Pulse Width
1.5
1.5
4.0
ns
tosHL
Output to Output Skew
0.5
0.5
0.75
ns
tosLH
(Note 9)
Symbol
Parameter
TA = −0°C to +85°C, RL = 500Ω VCC = 3.3V ± 0.3V
Units
CL = 50 pF
Min
Max
tPHL, tPLH
Propagation Delay In to On (REGE = 0)
1.0
3.8
ns
tPHL, tPLH
Propagation Delay CLK to On (REGE = 1)
1.4
4.4
ns
tPHL, tPLH
Propagation Delay REGE to On
1.0
5.2
ns
tPZL, tPZH
Output Enable Time
1.0
4.6
ns
tPLZ, tPHZ
Output Disable Time
1.0
4.6
ns
tS
Setup Time
1.0
ns
tH
Hold Time
0.7
ns
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
Units
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
0.15
V
2.5
0.25
3.3
0.35
VOLV
Quiet Output Dynamic Valley VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
−0.15
V
2.5
−0.25
3.3
−0.35
VOHV
Quiet Output Dynamic Valley VOH
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
1.55
V
2.5
2.05
3.3
2.65
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VCC = 1.8V, 2.5V or 3.3V, VI = 0V or VCC
6pF
COUT
Output Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10 MHz,
20
pF
VCC = 1.8V, 2.5V or 3.3V


Similar Part No. - 74VCX162839MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162839MTD FAIRCHILD-74VCX162839MTD Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results

Similar Description - 74VCX162839MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162838 FAIRCHILD-74ALVC162838 Datasheet
88Kb / 6P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162838 FAIRCHILD-74VCX162838 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com