Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVX8051 Datasheet(PDF) 10 Page - ON Semiconductor

Part # LVX8051
Description  Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LVX8051 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LVX8051 Datasheet HTML 4Page - ON Semiconductor LVX8051 Datasheet HTML 5Page - ON Semiconductor LVX8051 Datasheet HTML 6Page - ON Semiconductor LVX8051 Datasheet HTML 7Page - ON Semiconductor LVX8051 Datasheet HTML 8Page - ON Semiconductor LVX8051 Datasheet HTML 9Page - ON Semiconductor LVX8051 Datasheet HTML 10Page - ON Semiconductor LVX8051 Datasheet HTML 11Page - ON Semiconductor LVX8051 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC74LVX8051
http://onsemi.com
10
ANALOG
SIGNAL
Figure 15. Application Example
Figure 16. External Germanium or
Schottky Clipping Diodes
a. Using Pull−Up Resistors
b. Using HCT Interface
Figure 17. Interfacing LSTTL/NMOS to CMOS Inputs
ON
6
8
16
+5V
ANALOG
SIGNAL
+5V
0V
+5V
0V
11
10
9
TO EXTERNAL CMOS
CIRCUITRY 0 to 5V
DIGITAL SIGNALS
ON/OFF
8
16
VCC
GND
Dx
VCC
Dx
GND
Dx
VCC
Dx
ANALOG
SIGNAL
ON/OFF
6
8
16
+5V
ANALOG
SIGNAL
+5V
GND
+5V
GND
11
10
9
R
*
R
R
LSTTL/NMOS
CIRCUITRY
+5V
* 2K ≤ R ≤ 10K
ANALOG
SIGNAL
ON/OFF
6
8
16
+5V
ANALOG
SIGNAL
+5V
GND
+5V
GND
11
10
9
LSTTL/NMOS
CIRCUITRY
+5V
VHCT1GT50
BUFFERS
Figure 18. Function Diagram, LVX8051
13
X0
14
X1
15
X2
12
X3
1
X4
5
X5
2
X6
4
X7
3
X
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
11
A
10
B
9
C
6
ENABLE


Similar Part No. - LVX8051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LVX8053 ONSEMI-LVX8053 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
More results

Similar Description - LVX8051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com