Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX8051DR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX8051DR2
Description  Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX8051DR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX8051DR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC74LVX8051
http://onsemi.com
5
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 3 ns)
VCC
Guaranteed Limit
Symbol
Parameter
VCC
V
−55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Channel−Select to Analog Output
(Figure 9)
2.5
3.0
4.5
5.5
30
20
15
15
35
25
18
18
40
30
22
20
ns
tPLH,
tPHL
Maximum Propagation Delay, Analog Input to Analog Output
(Figure 10)
2.5
3.0
4.5
5.5
4.0
3.0
1.0
1.0
6.0
5.0
2.0
2.0
8.0
6.0
2.0
2.0
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.5
3.0
4.5
5.5
30
20
15
15
35
25
18
18
40
30
22
20
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.5
3.0
4.5
5.5
20
12
8.0
8.0
25
14
10
10
30
15
12
12
ns
Cin
Maximum Input Capacitance, Channel−Select or Enable Inputs
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
35
35
35
pF
(All Switches Off)
Common O/I
130
130
130
Feedthrough
1.0
1.0
1.0
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Figure 13)*
45
pF
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
VCC
Limit*
Symbol
Parameter
Condition
VCC
V
25
°C
Unit
BW
Maximum On−Channel Bandwidth or
Mi i
F
R
fin = 1MHz Sine Wave; Adjust fin Voltage to Obtain
0dB
t V
If F
U til dB
MHz
Minimum Frequency Response
(Figure 6)
0dBm at VOS; Increase fin Frequency Until dB
Meter Reads −3dB;
RL = 50W, CL = 10pF
3.0
4.5
5.5
80
80
80
Off−Channel Feedthrough Isolation
(Figure 7)
fin = Sine Wave; Adjust fin Voltage to Obtain 0dBm
at VIS
fin = 10kHz, RL = 600W, CL = 50pF
3.0
4.5
5.5
−50
−50
−50
dB
fin = 1.0MHz, RL = 50W, CL = 10pF
3.0
4.5
5.5
−37
−37
−37
Feedthrough Noise. Channel−Select
Input to Common I/O (Figure 8)
Vin ≤ 1MHz Square Wave (tr = tf = 6ns); Adjust RL
at Setup so that IS = 0A;
Enable = GND
RL = 600W, CL = 50pF
3.0
4.5
5.5
25
105
135
mVPP
RL = 10kW, CL = 10pF
3.0
4.5
5.5
35
145
190
THD
Total Harmonic Distortion
(Figure 14)
fin = 1kHz, RL = 10kW, CL = 50pF
THD = THDmeasured − THDsource
VIS = 2.0VPP sine wave
VIS = 4.0VPP sine wave
VIS = 5.0VPP sine wave
3.0
4.5
5.5
0.10
0.08
0.05
%
*Limits not tested. Determined by design and verified by qualification.


Similar Part No. - MC74LVX8051DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX8051DR2G ONSEMI-MC74LVX8051DR2G Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVX8051DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com