Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX8053DTR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74LVX8053DTR2
Description  Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX8053DTR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74LVX8053DTR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX8053DTR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX8053DTR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX8053DTR2 Datasheet HTML 9Page - ON Semiconductor MC74LVX8053DTR2 Datasheet HTML 10Page - ON Semiconductor MC74LVX8053DTR2 Datasheet HTML 11Page - ON Semiconductor MC74LVX8053DTR2 Datasheet HTML 12Page - ON Semiconductor MC74LVX8053DTR2 Datasheet HTML 13Page - ON Semiconductor MC74LVX8053DTR2 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC74LVX8053
http://onsemi.com
10
RL
Figure 12. Crosstalk Between Any Two
Switches, Test Set−Up
Figure 13. Power Dissipation Capacitance,
Test Set−Up
Figure 14a. Total Harmonic Distortion, Test Set−Up
Figure 14b. Plot, Harmonic Distortion
0
−10
−20
−30
−40
−50
− 100
1.0
2.0
3.125
FREQUENCY (kHz)
−60
−70
−80
−90
FUNDAMENTAL FREQUENCY
DEVICE
SOURCE
ON
6
8
16
CL*
*Includes all probe and jig capacitance
OFF
RL
RL
VIS
RL
CL*
VOS
fin
0.1mF
ON/OFF
6
8
16
VCC
CHANNEL SELECT
NC
COMMON O/I
OFF/ON
ANALOG I/O
VCC
A
11
VCC
ON
6
8
16
VCC
0.1mF
CL*
fin
RL
TO
DISTORTION
METER
*Includes all probe and jig capacitance
VOS
VIS
APPLICATIONS INFORMATION
The Channel Select and Enable control pins should be at
VCC or GND logic levels. VCC being recognized as a logic
high and GND being recognized as a logic low. In this
example:
VCC = +5V = logic high
GND = 0V = logic low
The maximum analog voltage swing is determined by the
supply voltages VCC. The positive peak analog voltage
should not exceed VCC. Similarly, the negative peak analog
voltage should not go below GND. In this example, the
difference between VCC and GND is five volts. Therefore,
using the configuration of Figure 15, a maximum analog
signal of five volts peak−to−peak can be controlled. Unused
analog inputs/outputs may be left floating (i.e., not
connected). However, tying unused analog inputs and
outputs to VCC or GND through a low value resistor helps
minimize crosstalk and feedthrough noise that may be
picked up by an unused switch.
Although used here, balanced supplies are not a
requirement. The only constraints on the power supplies are
that:
VCC − GND = 2 to 6 volts
When voltage transients above VCC and/or below GND
are anticipated on the analog channels, external Germanium
or Schottky diodes (Dx) are recommended as shown in
Figure 16. These diodes should be able to absorb the
maximum anticipated current surges during clipping.


Similar Part No. - MC74LVX8053DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX8053DTR2 ONSEMI-MC74LVX8053DTR2 Datasheet
244Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX8053DTR2G ONSEMI-MC74LVX8053DTR2G Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVX8053DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com