Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX8053MG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX8053MG
Description  Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX8053MG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX8053MG Datasheet HTML 1Page - ON Semiconductor MC74LVX8053MG Datasheet HTML 2Page - ON Semiconductor MC74LVX8053MG Datasheet HTML 3Page - ON Semiconductor MC74LVX8053MG Datasheet HTML 4Page - ON Semiconductor MC74LVX8053MG Datasheet HTML 5Page - ON Semiconductor MC74LVX8053MG Datasheet HTML 6Page - ON Semiconductor MC74LVX8053MG Datasheet HTML 7Page - ON Semiconductor MC74LVX8053MG Datasheet HTML 8Page - ON Semiconductor MC74LVX8053MG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74LVX8053
http://onsemi.com
4
DC CHARACTERISTICS — Digital Section (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
−55 to 25
°C
≤ 85°C
≤ 125°C
Unit
VIH
Minimum High−Level Input Voltage,
Channel−Select or Enable Inputs
Ron = Per Spec
2.5
3.0
4.5
5.5
1.50
2.10
3.15
3.85
1.50
2.10
3.15
3.85
1.50
2.10
3.15
3.85
V
VIL
Maximum Low−Level Input Voltage,
Channel−Select or Enable Inputs
Ron = Per Spec
2.5
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
Iin
Maximum Input Leakage Current,
Channel−Select or Enable Inputs
Vin = VCC or GND,
5.5
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND; VIO = 0 V
5.5
4
40
160
mA
DC ELECTRICAL CHARACTERISTICS Analog Section
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
−55 to 25
°C v 85_C ≤ 125°C
Unit
Ron
Maximum “ON” Resistance
Vin = VIL or VIH
VIS = VCC to GND
|IS| v 10.0 mA (Figures 1, 2)
3.0
4.5
5.5
40
30
25
45
32
28
50
37
30
W
Vin = VIL or VIH
VIS = VCC or GND (Endpoints)
|IS| v 10.0 mA (Figures 1, 2)
3.0
4.5
5.5
30
25
20
35
28
25
40
35
30
DRon
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIL or VIH
VIS = 1/2 (VCC − GND)
|IS| v 10.0 mA
3.0
4.5
5.5
15
8.0
8.0
20
12
12
25
15
15
W
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 3)
5.5
0.1
0.5
1.0
mA
Maximum Off−Channel
Leakage Current,
Common Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 4)
5.5
0.1
1.0
2.0
Ion
Maximum On−Channel
Leakage Current,
Channel−to−Channel
Vin = VIL or VIH;
Switch−to−Switch =
VCC or GND; (Figure 5)
5.5
0.1
1.0
2.0
mA


Similar Part No. - MC74LVX8053MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX8053 ONSEMI-MC74LVX8053 Datasheet
244Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX8053 ONSEMI-MC74LVX8053 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX8053D ONSEMI-MC74LVX8053D Datasheet
244Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX8053DR2 ONSEMI-MC74LVX8053DR2 Datasheet
244Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX8053DR2G ONSEMI-MC74LVX8053DR2G Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVX8053MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com