Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVXT4051DG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LVXT4051DG
Description  Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051DG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74LVXT4051DG Datasheet HTML 3Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 4Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 5Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 9Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 10Page - ON Semiconductor MC74LVXT4051DG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC74LVXT4051
http://onsemi.com
7
Figure 8. Maximum Off Channel Feedthrough Isolation, Test Set−Up
Figure 9. Maximum Common−Channel Feedthrough Isolation, Test Set−Up
OFF
ON
6
7
8
VCC
VEE
9− 11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1
mF
S1 R1
T1
0.1
mF
50 K
W
100 K
W
VIS
16
Config = Network
Format = T/R (dB)
CAL = Trans Cal
Display = Rectan X
*A)B
Scale Ref = Auto Scale
View = Off, Off, Off
Trig = Cont Mode
Source Amplitude =
)13 dB
Reference Attenuation = 20 dB
Test Attenuation = 0 dB
VISO(dB) = 20 log (VT1/VR1)
6
7
8
VCC
VEE
9− 11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1
mF
S1 R1
T1
0.1
mF
50
W
100 K
W
VIS
16
Config = Network
Format = T/R (dB)
CAL = Trans Cal
Display = Rectan X
*A)B
Scale Ref = Auto Scale
View = Off, Off, Off
Trig = Cont Mode
Source Amplitude =
)13 dB
Reference Attenuation = 20 dB
Test Attenuation = 0 dB
VISOC(dB) = 20 log (VT1/VR1)
ON
50 K
W
OFF
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.


Similar Part No. - MC74LVXT4051DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
158Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVXT4051DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com