Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVXU04DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVXU04DR2
Description  Hex Inverter(Unbuffered)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXU04DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVXU04DR2 Datasheet HTML 1Page - ON Semiconductor MC74LVXU04DR2 Datasheet HTML 2Page - ON Semiconductor MC74LVXU04DR2 Datasheet HTML 3Page - ON Semiconductor MC74LVXU04DR2 Datasheet HTML 4Page - ON Semiconductor MC74LVXU04DR2 Datasheet HTML 5Page - ON Semiconductor MC74LVXU04DR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 1
1
Publication Order Number:
MC74LVXU04/D
MC74LVXU04
Hex Inverter
(Unbuffered)
The MC74LVX04 is an advanced high speed CMOS unbuffered hex
inverter. The inputs tolerate voltages up to 7.0 V, allowing the
interface of 5.0 V systems to 3.0 V systems.
Features
High Speed: t
PD = 4.1 ns (Typ) at VCC = 3.3 V
Low Power Dissipation: I
CC = 2
mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Low Noise: V
OLP = 0.5 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAMS
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W
= Work Week
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
1
14
74LVXU04
ALYW
LVXU04
AWLYWW
14
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
14
http://onsemi.com
LVX
U04
ALYW
1
14


Similar Part No. - MC74LVXU04DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXU04DR2G ONSEMI-MC74LVXU04DR2G Datasheet
106Kb / 6P
   Hex Inverter
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVXU04DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
   Hex Unbuffered Inverter
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com