Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC00DT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC00DT
Description  Quad 2?묲nput NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC00DT Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC00DT Datasheet HTML 1Page - ON Semiconductor MC74VHC00DT Datasheet HTML 2Page - ON Semiconductor MC74VHC00DT Datasheet HTML 3Page - ON Semiconductor MC74VHC00DT Datasheet HTML 4Page - ON Semiconductor MC74VHC00DT Datasheet HTML 5Page - ON Semiconductor MC74VHC00DT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 5
1
Publication Order Number:
MC74VHC00/D
MC74VHC00
Quad 2−Input NAND Gate
The MC74VHC00 is an advanced high speed CMOS 2−input
NAND gate fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar Schottky
TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7 V, allowing the interface of 5 V
systems to 3 V systems.
Features
High Speed: tPD = 3.7 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2 V to 5.5 V Operating Range
Low Noise: VOLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance: HBM > 2000 V; Machine Model > 200 V
Chip Complexity: 32 FETs or 8 Equivalent Gates
Pb−Free Packages are Available
Figure 1. Pinout: 14−Lead Packages
(Top View)
13
14
12
11
10
9
8
2
1
34567
VCC
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
GND
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
H
H
H
L
Y
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
G,
G
= Pb−Free Device
MARKING
DIAGRAMS
SO−14
D SUFFIX
CASE 751A
TSSOP−14
DT SUFFIX
CASE 948G
EIAJ SO−14
M SUFFIX
CASE 965
1
14
74VHC00
ALYWG
http://onsemi.com
VHC00G
AWLYWW
1
14
VHC
00
ALYW
G
G
1
14
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC74VHC00DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC00DT MOTOROLA-MC74VHC00DT Datasheet
138Kb / 5P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MC74VHC00DTG ONSEMI-MC74VHC00DTG Datasheet
88Kb / 6P
   Quad 2-Input NAND Gate
September, 2014 ??Rev. 7
MC74VHC00DTR2G ONSEMI-MC74VHC00DTR2G Datasheet
88Kb / 6P
   Quad 2-Input NAND Gate
September, 2014 ??Rev. 7
More results

Similar Description - MC74VHC00DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com