Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC00DT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHC00DT
Description  Quad 2?묲nput NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC00DT Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC00DT Datasheet HTML 1Page - ON Semiconductor MC74VHC00DT Datasheet HTML 2Page - ON Semiconductor MC74VHC00DT Datasheet HTML 3Page - ON Semiconductor MC74VHC00DT Datasheet HTML 4Page - ON Semiconductor MC74VHC00DT Datasheet HTML 5Page - ON Semiconductor MC74VHC00DT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC00
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = −40 to
85
°C
TA = −55 to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High−Level Input
Voltage
2.0
3.0 to
5.5
1.50
VCC x
0.7
1.50
VCC x
0.7
1.50
VCC x
0.7
V
VIL
Low−Level Input
Voltage
2.0
3.0 to
5.5
0.50
VCC x
0.3
0.50
VCC x
0.3
0.50
VCC x
0.3
V
VOH
High−Level
Output Voltage
Vin = VIH or VIL
IOH = − 50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
Vin = VIH or VIL
IOH = − 4 mA
IOH = − 8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.40
3.70
VOL
Low−Level
Output Voltage
Vin = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.55
0.55
Iin
Input Leakage
Current
Vin = 5.5 V or GND
0 to 5.5
$0.1
$1.0
$2.0
mA
ICC
Quiescent Supply
Current
Vin = VCC or GND
5.5
2.0
20
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = −40 to
85
°C
TA = −55 to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation
Delay, A or B to Y
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
5.5
8.0
7.9
11.4
1.0
1.0
9.5
13.0
1.0
1.0
10
14.5
ns
VCC = 5.0 ± 0.5 V
CL = 15 pF
CL = 50 pF
3.7
5.2
5.5
7.5
1.0
1.0
6.5
8.5
1.0
1.0
7.0
9.5
Cin
Input
Capacitance
4.0
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 5)
Typical @ 25
°C, VCC = 5.0 V
pF
19
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per gate). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 5.0 V, Measured in SOIC Package)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
− 0.3
− 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V


Similar Part No. - MC74VHC00DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC00DT MOTOROLA-MC74VHC00DT Datasheet
138Kb / 5P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MC74VHC00DTG ONSEMI-MC74VHC00DTG Datasheet
88Kb / 6P
   Quad 2-Input NAND Gate
September, 2014 ??Rev. 7
MC74VHC00DTR2G ONSEMI-MC74VHC00DTR2G Datasheet
88Kb / 6P
   Quad 2-Input NAND Gate
September, 2014 ??Rev. 7
More results

Similar Description - MC74VHC00DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com