Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

919AS-4R7M Datasheet(PDF) 1 Page - TOKO, Inc

Part # 919AS-4R7M
Description  Fixed Inductors for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

919AS-4R7M Datasheet(HTML) 1 Page - TOKO, Inc

  919AS-4R7M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting 実装
づけ
用 固定インダクタ
D10F
Inductance Range:
10~1500µH
DIMENSIONS/外形寸法図
Recommended patterns
推奨パターン図
FEATURES/特長
SELECTION GUIDE FOR STANDARD COILS
• Low profile (9.7×11.5mm Max. square and 5.0mm Max.
height).
• Suitable for large current.
• Ideal for CCFL driving inverter circuit applications.
• RoHS compliant.
• 薄形構造(9.7×11.5mm 角Max.、高さ5.0mm Max.)
大電流対応
各種機器の冷陰極管駆動回路用
RoHS指令対応
(Unit: mm)
12.0
8.6
9.7 Max.
1.05
2.8
1.0
5.0 Max.
方向表示
Direction indication
(1) Inductance is measured with a LCR meter 4284A (Agilent Technologies)
or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with a Digital Multimeter TR6871 (Advantest)
or equivalent.
(3) Maximum allowable DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by 40°C
whichever is smaller.(Reference ambient temperature: 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または同等品により測
定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品により測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期値より10%減
少する直流電流値、または直流電流により、コイルの温度が40℃上昇の何れか小さ
い値です。(周囲温度20℃を基準とする。)
TYPE D10F (Quantity/reel; 500 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
#A814AY-100M
10
± 20
0.047
2.60
#A814AY-120M
12
± 20
0.050
2.48
#A814AY-150M
15
± 20
0.058
2.27
#A814AY-180M
18
± 20
0.067
2.15
#A814AY-220M
22
± 20
0.075
2.00
#A814AY-270M
27
± 20
0.087
1.84
#A814AY-330M
33
± 20
0.095
1.72
#A814AY-390M
39
± 20
0.120
1.58
#A814AY-470K
47
± 10
0.150
1.44
#A814AY-560K
56
± 10
0.180
1.28
#A814AY-680K
68
± 10
0.200
1.20
#A814AY-820K
82
± 10
0.230
1.09
#A814AY-101K
100
± 10
0.270
1.05
#A814AY-121K
120
± 10
0.330
0.92
#A814AY-151K
150
± 10
0.400
0.80
#A814AY-181K
180
± 10
0.530
0.73
#A814AY-221K
220
± 10
0.600
0.69
#A814AY-271K
270
± 10
0.840
0.60
#A814AY-331K
330
± 10
1.000
0.53
#A814AY-391K
390
± 10
1.090
0.49
#A814AY-471K
470
± 10
1.250
0.46
#A814AY-561K
560
± 10
1.630
0.41
#A814AY-681K
680
± 10
1.900
0.38
#A814AY-821K
820
± 10
2.440
0.34
#A814AY-102K
1000
± 10
2.800
0.31
#A814AY-122K
1200
± 10
3.670
0.27
#A814AY-152K
1500
± 10
4.370
0.25
Inductance(1)
L (µH)
Tolerance
(%)
DC Resistance(2)
(Ω) Max.
Rated
DC Current(3)
(A) Max.
(Unit: mm)


Similar Part No. - 919AS-4R7M

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
919 ALPHAWIRE-919 Datasheet
175Kb / 3P
   M12?륚 Plastic Passive I/O Box
logo
Anderson Power Products...
919 APP-919 Datasheet
151Kb / 2P
   SB® 350 Connector
logo
Enercon Technologies Eu...
919 ENERCON-919 Datasheet
659Kb / 2P
   Military Grade Gigabit Ethernet Switch On Board (GSoB)
Jan 25, 2020
logo
Amphenol Corporation
919-NM101P-51S AMPHENOL-919-NM101P-51S Datasheet
51Kb / 1P
   MCX CRIMP PLUG NON MAGNETIC
919-NM104P-51A AMPHENOL-919-NM104P-51A Datasheet
51Kb / 1P
   MCX R/A CRIMP PLUG NON MAGNETIC
More results

Similar Description - 919AS-4R7M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com