Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB649-D-AB3-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB649-D-AB3-K
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB649-D-AB3-K Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB649-D-AB3-K Datasheet HTML 1Page - Unisonic Technologies 2SB649-D-AB3-K Datasheet HTML 2Page - Unisonic Technologies 2SB649-D-AB3-K Datasheet HTML 3Page - Unisonic Technologies 2SB649-D-AB3-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB649/A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R204-006,D
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-180
V
2SB649
-120
Collector-Emitter Voltage
2SB649A
VCEO
-160
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1.5
A
Collector Peak Current
lC(PEAK)
-3
A
TO-126/TO-126C
1.4
W
TO-92
1
W
Collector Power Dissipation
SOT-89
PD
500
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector to Base Breakdown Voltage
BVCBO
IC=-1mA, IE=0
-180
V
2SB649
-120
Collector
to
Emitter
Breakdown
Voltage
2SB649A
BVCEO
IC=-10mA, RBE=∞
-160
V
Emitter to Base Breakdown Voltage
BVEBO
IE=-1mA, IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-160V, IE=0
-10
µA
hFE1
VCE=-5V, IC=-150mA (note)
60
320
2SB649
hFE2
VCE=-5V, IC=-500mA (note)
30
hFE1
VCE=-5V, IC=-150mA (note)
60
200
DC Current Gain
2SB649A
hFE2
VCE=-5V, IC=-500mA (note)
30
Collector-Emitter Saturation Voltage
VCE(SAT) Ic=-600mA, IB=-50mA
-1
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-150mA
-1.5
V
Current Gain Bandwidth Product
fT
VCE=-5V,IC=-150mA
140
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
27
pF
Note: Pulse test.
CLASSIFICATION OF hFE
RANK
B
C
D
RANGE
60-120
100-200
160-320


Similar Part No. - 2SB649-D-AB3-K

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SB649-TU DGNJDZ-2SB649-TU Datasheet
1Mb / 3P
   TO-126 Plastic-Encapsulate Transistors
More results

Similar Description - 2SB649-D-AB3-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD669 UTC-2SD669_10 Datasheet
126Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_11 Datasheet
232Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649A UTC-2SB649A_15 Datasheet
300Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_09 Datasheet
194Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_12 Datasheet
138Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669 Datasheet
77Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669A UTC-2SD669A_15 Datasheet
241Kb / 6P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
Nell Semiconductor Co.,...
2SB649AM NELLSEMI-2SB649AM Datasheet
182Kb / 4P
   Bipolar General Purpose PNP Power Transistor
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com