Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74VHC1GT08DFT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # M74VHC1GT08DFT1G
Description  2?묲nput AND Gate/CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT08DFT1G Datasheet(HTML) 4 Page - ON Semiconductor

  M74VHC1GT08DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT08DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT08DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT08DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT08DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT08DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1GT08
http://onsemi.com
4
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
GND
50%
50% VCC
Input A or B
Output Y
tPHL
tPLH
50% VCC
VOL
VOH
Figure 4. Switching Waveforms
Figure 5. Test Circuit
ORDERING INFORMATION
Device
Package
Shipping
MC74VHC1GT08DFT1
SC−88A / SOT−353 / SC−70
3000 / Tape & Reel
M74VHC1GT08DFT1G
SC−88A / SOT−353 / SC−70
(Pb−Free)
MC74VHC1GT08DFT2
SC−88A / SOT−353 / SC−70
M74VHC1GT08DFT2G
SC−88A / SOT−353 / SC−70
(Pb−Free)
MC74VHC1GT08DTT1
TSOP−5 / SOT−23 / SC−59
M74VHC1GT08DTT1G
TSOP−5 / SOT−23 / SC−59
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - M74VHC1GT08DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74VHC1GT08DFT1G ONSEMI-M74VHC1GT08DFT1G Datasheet
122Kb / 6P
   2-Input AND Gate/CMOS Logic Level Shifter
January, 2013 ??Rev. 12
M74VHC1GT08DFT1G ONSEMI-M74VHC1GT08DFT1G Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
M74VHC1GT08DFT1G ONSEMI-M74VHC1GT08DFT1G Datasheet
499Kb / 15P
   Single 2-Input AND Gate
March, 2022 ??Rev. 29
M74VHC1GT08DFT1G-L22038 ONSEMI-M74VHC1GT08DFT1G-L22038 Datasheet
499Kb / 15P
   Single 2-Input AND Gate
March, 2022 ??Rev. 29
More results

Similar Description - M74VHC1GT08DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT32 ONSEMI-MC74VHC1GT32_07 Datasheet
79Kb / 6P
   2?묲nput OR Gate/CMOS Logic Level Shifter
February, 2007 ??Rev. 10
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A Datasheet
86Kb / 11P
   2-input AND Gate / CMOS Logic Level Shifter
HD74LV1GT08A RENESAS-HD74LV1GT08A_15 Datasheet
136Kb / 9P
   2?밿nput AND Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT08 ONSEMI-MC74VHC1GT08 Datasheet
90Kb / 8P
   2-Input AND Gate/CMOS Logic Level Shifter
March, 2002 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A_08 Datasheet
101Kb / 7P
   2.input AND Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT08 ONSEMI-MC74VHC1GT08_13 Datasheet
122Kb / 6P
   2-Input AND Gate/CMOS Logic Level Shifter
January, 2013 ??Rev. 12
NL17SHT08 ONSEMI-NL17SHT08 Datasheet
103Kb / 5P
   2-Input AND Gate / CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_07 Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
   2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com